Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC651202F Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LC651202F
Description  4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651202F Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LC651202F Datasheet HTML 1Page - Sanyo Semicon Device LC651202F Datasheet HTML 2Page - Sanyo Semicon Device LC651202F Datasheet HTML 3Page - Sanyo Semicon Device LC651202F Datasheet HTML 4Page - Sanyo Semicon Device LC651202F Datasheet HTML 5Page - Sanyo Semicon Device LC651202F Datasheet HTML 6Page - Sanyo Semicon Device LC651202F Datasheet HTML 7Page - Sanyo Semicon Device LC651202F Datasheet HTML 8Page - Sanyo Semicon Device LC651202F Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Pin Assignment
Common assignments for the DIP and MFP packages
Note: NC pins must be connected to VSS.
Top view
Pin Functions
Note: The SI, SO, SCK, and INT pins are shared function pins that are also used as PF0 to PF3.
Pin
Function
OSC1, OSC2
Connections for a ceramic oscillator element
RES
Reset
PA0 to 3
I/O dual-function port A0 to A3
PC0 to 3
I/O dual-function port C0 to C3
PD0 to 3
I/O dual-function port D0 to D3
PE0 to 1
I/O dual-function port E0 to E1
PF0 to 3
I/O dual-function port F0 to F3
PG0 to 3
I/O dual-function port G0 to G3
TEST
Test
INT
Interrupt request
SI
Serial input
SO
Serial output
SCK
Serial clock input and output
NC
No connection
WDR
Watchdog reset
No. 5190-3/35
LC651204N/F/L, LC651202N/F/L


Numéro de pièce similaire - LC651202F

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC651202F SANYO-LC651202F Datasheet
261Kb / 14P
   One-Time Programmable 4-Bit Single-Chip Microcontroller
More results

Description similaire - LC651202F

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC651306A SANYO-LC651306A Datasheet
697Kb / 21P
   4-Bit Single-Chip Microcontroller for Small-Scale Control Applications
LC651154N SANYO-LC651154N Datasheet
336Kb / 39P
   Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
LC651432N SANYO-LC651432N Datasheet
374Kb / 39P
   Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
LC651104N SANYO-LC651104N Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC6527C SANYO-LC6527C Datasheet
1Mb / 32P
   Single Chip 4 Bit Microcomputers for Small scale control oriented applications
LC65F1306A SANYO-LC65F1306A Datasheet
685Kb / 22P
   4-Bit Single-Chip CMOS Microcontroller for Small-Scale Control Applications
LC6527N SANYO-LC6527N Datasheet
962Kb / 42P
   SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS
LC6529N SANYO-LC6529N Datasheet
525Kb / 39P
   4-Bit Microcomputer for Small-Scale Control Applications
LC6543N SANYO-LC6543N Datasheet
1Mb / 49P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS???
LC6543C SANYO-LC6543C Datasheet
1Mb / 41P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com