Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC651204F Fiches technique(PDF) 9 Page - Sanyo Semicon Device

No de pièce LC651204F
Description  4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651204F Fiches technique(HTML) 9 Page - Sanyo Semicon Device

Back Button LC651204F Datasheet HTML 5Page - Sanyo Semicon Device LC651204F Datasheet HTML 6Page - Sanyo Semicon Device LC651204F Datasheet HTML 7Page - Sanyo Semicon Device LC651204F Datasheet HTML 8Page - Sanyo Semicon Device LC651204F Datasheet HTML 9Page - Sanyo Semicon Device LC651204F Datasheet HTML 10Page - Sanyo Semicon Device LC651204F Datasheet HTML 11Page - Sanyo Semicon Device LC651204F Datasheet HTML 12Page - Sanyo Semicon Device LC651204F Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Divider Options for the LC651204N/1202N, LC651204F/1202F, and LC651204L/1202L
LC651204N, LC651202N
No. 5190-9/35
LC651204N/F/L, LC651202N/F/L
Circuit type
Frequency
Divider option (cycle time)
VDD range
Notes
800 kHz
1/1 (5 µs)
3 to 5.5 V
Ceramic oscillator
1 MHz
1/1 (4µs)
3 to 5.5 V
4 MHz
1/3 (3µs)
3 to 5.5 V
This frequency cannot be used with the 1/1
1/4 (4µs)
3 to 5.5 V
divider (i.e., no divider circuit) option.
External clock generated by a
670 k to 1444 kHz
1/1 (6 to 2.77 µs)
3 to 5.5 V
two-terminal RC oscillator circuit
2000 k to 4330 kHz
1/3 (6 to 2.77 µs)
3 to 5.5 V
2600 k to 4330 kHz
1/4 (6 to 3.70 µs)
3 to 5.5 V
Use of an external clock with the
Driving the circuit with an external clock is not possible. To use external clock drive, specify the two-terminal RC
ceramic oscillator option selected
oscillator option.
LC651204L LC651202L
Circuit type
Frequency
Divider option (cycle time)
VDD range
Notes
800 kHz
1/1 (5 µs)
2.5 to 5.5 V
Ceramic oscillator
1 MHz
1/1 (4µs)
2.5 to 5.5 V
4 MHz
1/4 (4µs)
2.5 to 5.5 V
This frequency cannot be used with the 1/1, 1/3
divider (i.e., no divider circuit) option.
External clock generated by a
670 k to 1040 kHz
1/1 (6 to 3.84 µs)
2.5 to 5.5 V
two-terminal RC oscillator circuit
2000 k to 3120 kHz
1/3 (6 to 3.84 µs)
2.5 to 5.5 V
2600 k to 4160 kHz
1/4 (6 to 3.84 µs)
2.5 to 5.5 V
Use of an external clock with the
Driving the circuit with an external clock is not possible. To use external clock drive, specify the two-terminal RC
ceramic oscillator option selected
oscillator option.
LC651204F, LC651202F
Circuit type
Frequency
Divider option (cycle time)
VDD range
Notes
Ceramic oscillator
4 MHz
1/1 (1 µs)
3 to 5.5 V
External clock generated by a
670 k to 4330 kHz
1/1 (6 to 0.92 µs)
3 to 5.5 V
two-terminal RC oscillator circuit
Use of an external clock with the
Driving the circuit with an external clock is not possible. To use external clock drive, specify the two-terminal RC
ceramic oscillator circuit
oscillator option.


Numéro de pièce similaire - LC651204F

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC651204F SANYO-LC651204F Datasheet
261Kb / 14P
   One-Time Programmable 4-Bit Single-Chip Microcontroller
More results

Description similaire - LC651204F

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC651306A SANYO-LC651306A Datasheet
697Kb / 21P
   4-Bit Single-Chip Microcontroller for Small-Scale Control Applications
LC651154N SANYO-LC651154N Datasheet
336Kb / 39P
   Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
LC651432N SANYO-LC651432N Datasheet
374Kb / 39P
   Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
LC651104N SANYO-LC651104N Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC6527C SANYO-LC6527C Datasheet
1Mb / 32P
   Single Chip 4 Bit Microcomputers for Small scale control oriented applications
LC65F1306A SANYO-LC65F1306A Datasheet
685Kb / 22P
   4-Bit Single-Chip CMOS Microcontroller for Small-Scale Control Applications
LC6527N SANYO-LC6527N Datasheet
962Kb / 42P
   SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS
LC6529N SANYO-LC6529N Datasheet
525Kb / 39P
   4-Bit Microcomputer for Small-Scale Control Applications
LC6543N SANYO-LC6543N Datasheet
1Mb / 49P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS???
LC6543C SANYO-LC6543C Datasheet
1Mb / 41P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com