Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC1213D Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce ADC1213D
Description  Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1213D Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button ADC1213D_11 Datasheet HTML 7Page - NXP Semiconductors ADC1213D_11 Datasheet HTML 8Page - NXP Semiconductors ADC1213D_11 Datasheet HTML 9Page - NXP Semiconductors ADC1213D_11 Datasheet HTML 10Page - NXP Semiconductors ADC1213D_11 Datasheet HTML 11Page - NXP Semiconductors ADC1213D_11 Datasheet HTML 12Page - NXP Semiconductors ADC1213D_11 Datasheet HTML 13Page - NXP Semiconductors ADC1213D_11 Datasheet HTML 14Page - NXP Semiconductors ADC1213D_11 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
[1]
Typical values measured at VDDA =3V, VDDD =1.8 V, Tamb =25 C. Minimum and maximum values are across the full temperature range Tamb = 40 C to +85 C at VDDA =3V,
VDDD = 1.8 V; VI (INAP, INBP)  VI (INAM, INBM) = 1 dBFS; internal reference mode; 100  differential applied to serial outputs; unless otherwise specified.
10.2 Clock and digital output timing
[1]
Typical values measured at VDDA =3V, VDDD =1.8 V, Tamb =25 C. Minimum and maximum values are across the full temperature range Tamb = 40 C to +85 C at VDDA =3V,
VDDD = 1.8 V; VI (INAP, INBP)  VI (INAM, INBM) = 1 dBFS; internal reference mode; 100 W differential applied to serial outputs; unless otherwise specified.
IMD
intermodulation distortion fi = 3 MHz
-
89
--
89
--
88
-
-
89
-
dBc
fi = 30 MHz
-
88
-
-
88-
-
88-
-
88-
dBc
fi = 70 MHz
-
87
-
-
87-
-
86-
-
86-
dBc
fi = 170 MHz
-
84
-
-
85
-
-
83
-
-
84
-
dBc
ct(ch)
channel crosstalk
fi = 70 MHz
-
100
-
-
100
-
-
100
-
-
100
-
dBc
Table 6.
Dynamic characteristics[1] …continued
Symbol
Parameter
Conditions
ADC1213D065
ADC1213D080
ADC1213D105
ADC1213D125
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Table 7.
Clock and digital output characteristics[1]
Symbol
Parameter
Conditions
ADC1213D065
ADC1213D080
ADC1213D105
ADC1213D125
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Clock timing input: pins CLKP and CLKM
fclk
clock frequency
40
-
65
60
-
80
75
-
105
100
-
125
Msps
tlat(data)
data latency time
clock cycles
307
-
850
250
-
283
190
-
226
160
-
170
ns
clk
clock duty cycle
DCS_EN = logic 1
30
50
70
30
50
70
30
50
70
30
50
70
%
DCS_EN = logic 0
45
50
55
45
50
55
45
50
55
45
50
55
%
td(s)
sampling delay time
-
0.8
-
-
0.8
-
-
0.8
-
-
0.8
-
ns
twake
wake-up time
-76-
-76-
-76-
-76-
s


Numéro de pièce similaire - ADC1213D_11

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
More results

Description similaire - ADC1213D_11

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
logo
Integrated Device Techn...
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1213D RENESAS-ADC1213D Datasheet
598Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213S NXP-ADC1213S Datasheet
666Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 1-14 March 2011
ADC1213S_1106 NXP-ADC1213S_1106 Datasheet
744Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
logo
Renesas Technology Corp
ADC1213S RENESAS-ADC1213S Datasheet
711Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com