Moteur de recherche de fiches techniques de composants électroniques |
|
LC4105V Fiches technique(PDF) 2 Page - Sanyo Semicon Device |
|
LC4105V Fiches technique(HTML) 2 Page - Sanyo Semicon Device |
2 / 6 page No. 5641-2/6 LC4105V Parameter Symbol Conditions Ratings Unit min typ max VDD * 10 18 V Power supply voltage VDD1 * VDD V VCC * 3.0 5.5 V VSS1 * VSS V High-level input voltage VIN-H IN1 to IN7 (VCC = 4.5 to 5.5 V) 2.4 VCC V (VCC = 3.0 to 4.5 V) 0.7 VCC VCC Low-level input voltage VIN-L IN1 to IN7 (VCC = 4.5 to 5.5 V) 0 0.8 V (VCC = 3.0 to 4.5 V) 0 0.1 VCC Operating temperature Topr –10 +75 °C Allowable Operating Ranges at voltages relative to VSS Note: * Applications must observe the directions in the note on page 5 at power on and at power off. Note: * IDDI and IDDa are the total currents flowing into power supply pins VDD and VDD1. Parameter Symbol Conditions Ratings Unit min typ max High-level input current Iih Vin = VCC IN1 to IN7 1 µA Low-evel input current Iil Vin = VSS IN1 to IN7 –1 µA High-level output voltage Voh Io = 1 mA VDD–1 VDD V Low-level output voltage Vol Io = –1 mA VSS VSS+1 V Output on resistance Rout VDD = VDD1 = 10 V Io = ±1 mA 60 Ω Current drain while idling ICCI VDD = VDD1 = 18 V, VCC = 5.5 V 0.01 10 µA IDDI* IN1 to IN7 = 0 V 0.10 10 µA . All outputs open. ICCa VDD = VDD1 = 15 V, VCC = 5.5 V 16 µA Current drain during operation IN0 to IN6 = 0 V IDDa* IN7 = 0 to 5.5 V/2 MHz 10 mA Load 1 Electrical Characteristics at Ta = 25°C ±2°C, VCC = 5 V, and VDD = 16 V, all voltages are relative to VSS, unless othrewise specified |
Numéro de pièce similaire - LC4105V |
|
Description similaire - LC4105V |