Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC133-282 Fiches technique(PDF) 1 Page - Mini-Circuits

No de pièce TC133-282
Description  RF Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINI [Mini-Circuits]
Site Internet  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TC133-282 Fiches technique(HTML) 1 Page - Mini-Circuits

  TC133-282 Datasheet HTML 1Page - Mini-Circuits TC133-282 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
®
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
Page 1 of 3
CASE STYLE: AT224-1
RF Transformer
Surface Mount
TC1.33-282+
Product Overview
The TC1.33-282+ is a mini wideband tri-filar transformer, measuring approximately 4 mm on all sides. The plastic substrate,
5-pad design is aqueous washable and RoHS compliant, featuring a square core and all welded wire construction for
repeatability and reliability in balanced-to-unbalanced 50/75Ω implementations.
Feature
Advantages
Very wide bandwidth
5-2800 MHz bandwidth useful for CATV (forward & return), medical wireless and D2A/A2D, and
communications applications
Excellent amplitude and phase unbalance
0.3 dB amplitude and 6° phase unbalance aid rejection of even harmonics (in push-pull amplifiers) and
common mode signals (when used as a balun)
Good return loss
Efficient signal path across 50/75Ω transitions
Low and flat insertion loss
Flatness ±0.1 dB across 50-1000 MHz CATV bands preserves gain flatness after impedance
transformation
The Big Deal
• Verywidebandwidth,5to2800MHz
• Verygoodreturnlossoverentireband
• Convenient50/75Ω matching over a wide range
of frequencies
75 to 50
Ω
5 to 2800 MHz


Numéro de pièce similaire - TC133-282

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC1300 MICROCHIP-TC1300 Datasheet
330Kb / 16P
   300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
2002
logo
Lite-On Technology Corp...
TC1300H LITEON-TC1300H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Microchip Technology
TC1300VUA MICROCHIP-TC1300VUA Datasheet
330Kb / 16P
   300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
2002
logo
List of Unclassifed Man...
TC1301 ETC-TC1301 Datasheet
206Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1301 TRANSCOM-TC1301 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
More results

Description similaire - TC133-282

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
   RF Transformer
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
   RF Transformer
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
   RF TRANSFORMER
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
   RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
logo
Mini-Circuits
ADT4-1WT MINI-ADT4-1WT_15 Datasheet
201Kb / 1P
   RF Transformer
ADT4-5WT MINI-ADT4-5WT Datasheet
186Kb / 1P
   RF Transformer
ADT9-1T MINI-ADT9-1T Datasheet
204Kb / 1P
   RF Transformer
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com