Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIZ700DT Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce SIZ700DT
Description  N-Channel 20-V (D-S) MOSFETs Compliant to RoHS Directive 2002/95/EC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIZ700DT Fiches technique(HTML) 5 Page - Vishay Siliconix

  SIZ700DT Datasheet HTML 1Page - Vishay Siliconix SIZ700DT Datasheet HTML 2Page - Vishay Siliconix SIZ700DT Datasheet HTML 3Page - Vishay Siliconix SIZ700DT Datasheet HTML 4Page - Vishay Siliconix SIZ700DT Datasheet HTML 5Page - Vishay Siliconix SIZ700DT Datasheet HTML 6Page - Vishay Siliconix SIZ700DT Datasheet HTML 7Page - Vishay Siliconix SIZ700DT Datasheet HTML 8Page - Vishay Siliconix SIZ700DT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document Number: 69090
S09-0534-Rev. A, 06-Apr-09
www.vishay.com
5
Vishay Siliconix
SiZ700DT
New Product
CHANNEL-1 TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1
0.01
0.001
0.1
10
100
TJ = 25 °C
TJ = - 50 °C
TJ = 150 °C
VSD -Source-to-Drain Voltage (V)
- 1.0
- 0.7
- 0.4
- 0.1
0.2
0.5
-50
-25
0
25
50
75
100
125
150
ID = 250 µA
ID =5mA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0.000
0.005
0.010
0.015
0.020
0.025
0.030
012
345
67
8
910
TJ = 25 °C
TJ =125 °C
VGS - Gate-to-Source Voltage (V)
0
10
20
30
40
50
60
0
1
1
1
0
0
.
00.01
Time (s)
0.1
Safe Operating Area, Junction-to-Ambient
100
1
0.1
1
10
100
0.01
10
0.1
TA = 25 °C
Single Pulse
100 µs
BVDSS Limited
1ms
10 ms
1 s, 10 s
100 s, DC
10 µs
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
Limited byRDS(on)*
100 ms


Numéro de pièce similaire - SIZ700DT

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SIZ700DT VISHAY-SIZ700DT Datasheet
213Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
08-Feb-17
SIZ700DT-T1-GE3 VISHAY-SIZ700DT-T1-GE3 Datasheet
208Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ700DT VISHAY-SIZ700DT_V01 Datasheet
213Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
08-Feb-17
More results

Description similaire - SIZ700DT

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-MBR1045PBF VISHAY-VS-MBR1045PBF Datasheet
154Kb / 7P
   Compliant to RoHS Directive 2002/95/EC
Revision: 29-Aug-11
VS-30EPH06PBF VISHAY-VS-30EPH06PBF Datasheet
160Kb / 8P
   Compliant to RoHS Directive 2002/95/EC
Revision: 12-Aug-11
logo
DinTek Semiconductor Co...
DTL9503 DINTEK-DTL9503_13 Datasheet
1Mb / 7P
   P-Channel 30 V (D-S) MOSFET Compliant to RoHS Directive 2002/95/EC
logo
Lineage Power Corporati...
JNC350R41TZ LINEAGEPOWER-JNC350R41TZ Datasheet
707Kb / 16P
   Compliant to RoHS EU Directive 2002/95/EC (-Zversions)
logo
Vishay Siliconix
SIHP12N50C VISHAY-SIHP12N50C Datasheet
153Kb / 8P
   100 % Avalanche Tested Compliant to RoHS Directive 2002/95/EC
Rev. B, 26-Apr-10
logo
E-SWITCH
B400006 E-SWITCH-B400006 Datasheet
121Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400012 E-SWITCH-B400012 Datasheet
80Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400014 E-SWITCH-B400014 Datasheet
193Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400005 E-SWITCH-B400005 Datasheet
108Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
logo
Vishay Siliconix
SIHP16N50C VISHAY-SIHP16N50C Datasheet
155Kb / 8P
   Gate Charge Improved Compliant to RoHS Directive 2002/95/EC
Rev. A, 12-Apr-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com