Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

YSF-122+ Fiches technique(PDF) 2 Page - Mini-Circuits

No de pièce YSF-122+
Description  Flat Gain Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINI [Mini-Circuits]
Site Internet  http://www.minicircuits.com
Logo MINI - Mini-Circuits

YSF-122+ Fiches technique(HTML) 2 Page - Mini-Circuits

  YSF-122+ Datasheet HTML 1Page - Mini-Circuits YSF-122+ Datasheet HTML 2Page - Mini-Circuits YSF-122+ Datasheet HTML 3Page - Mini-Circuits YSF-122+ Datasheet HTML 4Page - Mini-Circuits YSF-122+ Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
®
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
Page 2
Product Features
• Matched 50-ohm surface mount amplifier
• High gain, 20 dB typ.
• Up to +20 dBm typ. output power
• High IP3, +37 dBm
• Low Noise Figure, 3.4 dB typ.
• High directivity, 32 dB isolation
• Internal Input & Output DC Block
• Separate terminal for DC
REV. OR
M128712
YSF-122+
110126
0.8-1.2 GHz
YSF-122+
CASE STYLE: DL1020
PRICE: $2.69 ea. QTY. (20)
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
Typical Applications
• Cellular
• Portable Wireless
• Receivers & transmitters
• Radar
General Description
YSF-122+ is an advanced amplifier module in a Mini-Circuits System In Package
. This module is fully
matched to 50Ω in/out impedance and has built-in Input & Output DC block capacitors. It is enclosed in a
5 x 6 mm MCLP plastic package. The YSF-122+ uses E-PHEMT* technology enabling it to work with a
single positive supply voltage.
simplified schematic and pad description
Function
Pad
Number
Description
RF-IN
5
RF Input
RF-OUT
3
RF Output
DC
4
DC Supply
GND
Paddle
Connected to ground
NOT USED
1,2,6,7,8
No internal connection
*Enhancement mode Pseudomorphic High Electron Mobility Transistor
Mini-Circuits System In Package
Flat Gain Amplifier
8
NC
7
NC
6
NC
5
RF IN
NC
1
NC
2
RF OUT
3
DC IN
4
PADDLE
RF IN
RF OUT
DC


Numéro de pièce similaire - YSF-122+

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
YSF-2151 MINI-YSF-2151 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-2151++ MINI-YSF-2151+ Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-232 MINI-YSF-232 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-232++ MINI-YSF-232+ Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-272 MINI-YSF-272 Datasheet
1Mb / 5P
   Flat Gain Amplifier
More results

Description similaire - YSF-122+

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
YSF-272 MINI-YSF-272 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-232 MINI-YSF-232 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-2151 MINI-YSF-2151 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-382 MINI-YSF-382 Datasheet
1Mb / 5P
   Flat Gain Amplifier
logo
Qorvo, Inc
QPL9057 QORVO-QPL9057 Datasheet
1Mb / 12P
   Ultra-Low Noise Flat Gain Amplifier
Sept 20, 2020
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30889-BLKG AVAGO-MGA-30889-BLKG Datasheet
650Kb / 15P
   Flat Gain High Linearity Gain Block
MGA-30889 AVAGO-MGA-30889 Datasheet
710Kb / 15P
   Flat Gain High Linearity Gain Block
MGA-30689 AVAGO-MGA-30689_15 Datasheet
733Kb / 16P
   Flat Gain High Linearity Gain Block
MGA-30689 AVAGO-MGA-30689 Datasheet
722Kb / 16P
   40MHz - 3000MHz Flat Gain High Linearity Gain Block
logo
Broadcom Corporation.
MGA-30889 BOARDCOM-MGA-30889 Datasheet
710Kb / 15P
   40MHz - 2600MHz Flat Gain High Linearity Gain Block
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com