Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC3564RT-12LV Fiches technique(PDF) 10 Page - Sanyo Semicon Device

No de pièce LC3564RT-12LV
Description  64K (8192 words x 8 bits) SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC3564RT-12LV Fiches technique(HTML) 10 Page - Sanyo Semicon Device

Back Button LC3564RT-12LV Datasheet HTML 2Page - Sanyo Semicon Device LC3564RT-12LV Datasheet HTML 3Page - Sanyo Semicon Device LC3564RT-12LV Datasheet HTML 4Page - Sanyo Semicon Device LC3564RT-12LV Datasheet HTML 5Page - Sanyo Semicon Device LC3564RT-12LV Datasheet HTML 6Page - Sanyo Semicon Device LC3564RT-12LV Datasheet HTML 7Page - Sanyo Semicon Device LC3564RT-12LV Datasheet HTML 8Page - Sanyo Semicon Device LC3564RT-12LV Datasheet HTML 9Page - Sanyo Semicon Device LC3564RT-12LV Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
LC3564RM,RT-10LV/12LV/15LV
No. 4484—10/10
s
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear
power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury,
death or property loss.
s
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Œ
Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their
officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated
with such use:

Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO.,
LTD., its affiliates, subsidiaries and distributors or any of their officers and employees, jointly or severally.
s
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO
believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of
intellectual property rights or other rights of third parties.
This catalog provides information as of June, 1997. Specifications and information herein are subject to change without notice.
Data Retention Characteristics at Ta = –40 to +85
°C
3V Operation
Note: tRC is the read cycle time.
Data Retention Waveform 1 (CE1 control)
Parameter
Symbol
Conditions
Ratings
Unit
min.
typ.
max.
Data retention supply voltage
VDR
VCE1 ≥ VCC – 0.2V,
VCE2 ≥ VCC – 0.2V or
VCE2 ≤ 0.2V
2.0
-
3.6
V
Chip enable setup time
tCDR
0-
-
ns
Chip enable hold time
tR
tRC
--
ns
Battery Operation
Parameter
Symbol
Conditions
Ratings
Unit
min.
typ.
max.
Data retention supply voltage
VDR
VCE1 ≥ VCC – 0.2V,
VCE2 ≥ VCC – 0.2V or
VCE2 ≤ 0.2V
2.0
-
3.6
V
Data Retention Waveform 2 (CE2 control)


Numéro de pièce similaire - LC3564RT-12LV

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC3564B SANYO-LC3564B Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BM SANYO-LC3564BM Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BS SANYO-LC3564BS Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BT SANYO-LC3564BT Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BT-10 SANYO-LC3564BT-10 Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
More results

Description similaire - LC3564RT-12LV

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
LC36128ML-70 SANYO-LC36128ML-70 Datasheet
130Kb / 7P
   128K(16384 words X 8 bits) SRAM?
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
logo
AiT Semiconductor Inc.
A24C64 AITSEMI-A24C64 Datasheet
918Kb / 20P
   MEMORY EEPROM 64k BITS (8192 X 8) TWO-WIRE SERIAL
REV2.1
logo
Sanyo Semicon Device
LC33864P-80 SANYO-LC33864P-80 Datasheet
192Kb / 10P
   512K (65536 words X 8 bits) Pseudo-SRAM
LC361000AMLL SANYO-LC361000AMLL Datasheet
158Kb / 8P
   1 MEG (131072 words X 8 bits) SRAM
LC36256AL SANYO-LC36256AL Datasheet
99Kb / 7P
   256 K (32768 words x 8 bits) SRAM
LC33832P SANYO-LC33832P Datasheet
128Kb / 9P
   256 K (32768 words X 8 bits) Pseudo-SRAM
LC35W1000BM SANYO-LC35W1000BM Datasheet
165Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
LC35V1000BM SANYO-LC35V1000BM Datasheet
178Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com