Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

744233900 Fiches technique(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No de pièce 744233900
Description  SMD common mode noise suppressor WE-CNSW HF
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Site Internet  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744233900 Fiches technique(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744233900 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744233900 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744233900 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung /
description :
Gurtspezifikation / Tape specification:
A
1,55 ± 0,2
mm
B
4,00 ± 0,1
mm
C
1,50 + 0,1
mm
D
2,00 ± 0,05
mm
E
1,75 ± 0,1
mm
F
3,50 ± 0,05
mm
G
1,55 max.
mm
H
2,25 ± 0,2
mm
T
0,30 max.
mm
W
8,00 ± 0,3
mm
Rollenspezifikation / Reel Specification:
a
178,0 ± 2,0
mm
b
20,20 min.
mm
c
58,00 ± 2,0
mm
d
9,00 ± 1,5
mm
Kunde / customer :
Artikelnummer / part number :
744233900
SMD common mode noise suppressor WE-CNSW HF
SMD Stromkompensierter Datenleitungsfilter WE-CNSW HF
DATUM / DATE : 2010-10-01
I Rollenspezifikation / tape and reel specifications:
Spezifikation für Freigabe / specification for release
A
B
ØC
D
E
F
W
H
G
T
a
c
d
9,00 ± 1,5
mm
150°
The force of tearing off cover tape
is 0,1 to 0,7 N in arrow direction.
SBa
Version 1
2010-10-01
Name
Änderung / modification
Datum / date
D-74638 Waldenburg · Max-Eyth-Strasse 1 -3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
Kontrolliert / approved
Würth Elektronik
Datum / date
Unterschrift / signature
Würth Elektronik eiSos GmbH & Co. KG
..................................................................................
..................................................................................
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
feeding direction
A
B
ØC
D
E
F
W
H
G
T
Ø b
a
c
d
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and
reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation,
(automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the
design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and
reliability functions or performance.
D-74638 Waldenburg · Max-Eyth-Strasse 1 -3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
feeding direction
A
B
ØC
D
E
F
W
H
G
T
Ø b
a
c
d
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and
reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation,
(automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the
design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and
reliability functions or performance.
SEITE 3 VON 3


Numéro de pièce similaire - 744233900

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
744233121 WURTH-744233121 Datasheet
240Kb / 3P
   SMD common mode noise suppressor WE-CNSW HF
7442335600 WURTH-7442335600 Datasheet
1Mb / 7P
   WE-CNSW HF SMD Common Mode Line Filter (High Frequency)
7442335900 WURTH-7442335900 Datasheet
1Mb / 7P
   WE-CNSW HF SMD Common Mode Line Filter (High Frequency)
744233670 WURTH-744233670 Datasheet
240Kb / 3P
   SMD common mode noise suppressor WE-CNSW HF
More results

Description similaire - 744233900

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
744233121 WURTH-744233121 Datasheet
240Kb / 3P
   SMD common mode noise suppressor WE-CNSW HF
744233670 WURTH-744233670 Datasheet
240Kb / 3P
   SMD common mode noise suppressor WE-CNSW HF
744232261 WURTH-744232261 Datasheet
134Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744232102 WURTH-744232102 Datasheet
134Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744231061 WURTH-744231061 Datasheet
191Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744231091 WURTH-744231091 Datasheet
201Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744231181 WURTH-744231181 Datasheet
191Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744232601 WURTH-744232601 Datasheet
134Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744231371 WURTH-744231371 Datasheet
191Kb / 3P
   SMD common mode noise suppressor WE-CNSW
744232090 WURTH-744232090 Datasheet
134Kb / 3P
   SMD common mode noise suppressor WE-CNSW
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com