Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD320S Fiches technique(PDF) 2 Page - Pan Jit International Inc.

No de pièce SD320S
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SD320S Fiches technique(HTML) 2 Page - Pan Jit International Inc.

  SD320S Datasheet HTML 1Page - Pan Jit International Inc. SD320S Datasheet HTML 2Page - Pan Jit International Inc. SD320S Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-MAR.25.2009
SD320S~SD360S
RATING AND CHARACTERISTIC CURVES
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
Fig.3- TYPICAL REVERSE CHARACTERISTICS
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
NO. OF CYCLE AT 60Hz
.4
.5
.6
.8
1.0
.7
.9
1.1
50
0.1
10
1.0
.3
.2
TJ=25 C
f=1.0mHz
Visg=5mVp-p
O
20-40V
50-60V
120
140
10
1.0
0.1
.01
.001
0
20406080
100
T =100 C
J
O
T=
J
75 C
O
T=
J
25 C
O
1
10
100
60
80
30
45
75
15
0
Fig.1- FORWARD CURRENT DERATING CURVE
5.0
4.0
2.0
0
RESISTIVEORINDUCTIVE LOAD
1.0
3.0
0
20406080
100
120
140
160
LEAD TEMPERATURE, C
O
=20-30V
=40-60V


Numéro de pièce similaire - SD320S

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SD320S PANJIT-SD320S Datasheet
40Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 3 Ampere)
logo
Won-Top Electronics
SD320S WTE-SD320S Datasheet
43Kb / 3P
   3.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SD320S PANJIT-SD320S Datasheet
43Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SD320S-T3 WTE-SD320S-T3 Datasheet
43Kb / 3P
   3.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SD320S PANJIT-SD320S_03 Datasheet
43Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Description similaire - SD320S

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com