Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC321664AM Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce LC321664AM
Description  1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC321664AM Fiches technique(HTML) 6 Page - Sanyo Semicon Device

Back Button LC321664AM Datasheet HTML 2Page - Sanyo Semicon Device LC321664AM Datasheet HTML 3Page - Sanyo Semicon Device LC321664AM Datasheet HTML 4Page - Sanyo Semicon Device LC321664AM Datasheet HTML 5Page - Sanyo Semicon Device LC321664AM Datasheet HTML 6Page - Sanyo Semicon Device LC321664AM Datasheet HTML 7Page - Sanyo Semicon Device LC321664AM Datasheet HTML 8Page - Sanyo Semicon Device LC321664AM Datasheet HTML 9Page - Sanyo Semicon Device LC321664AM Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LC321664AJ, AM, AT-80
No. 4795-6/30
Continued from preceding page.
Parameter
Symbol
min
max
Unit
Note
Write command to RAS lead time
tRWL
20
ns
Write command to CAS lead time
tCWL
20
ns
Data input setup time
tDS
0
ns
12
Data input hold time
tDH
20
ns
12
Data input hold time
tDHR
60
ns
referenced to RAS
Refresh period
tREF
4
ms
Write command setup time
tWCS
0
ns
13
CAS to UW, LW delay time
tCWD
50
ns
13
RAS to UW, LW delay time
tRWD
100
ns
13
Column address to UW, LW
tAWD
65
ns
13
delay time
CAS precharge to UW, LW delay
tCPWD
70
ns
13
time (fast page mode cycle only)
CAS setup time for
tCSR
10
ns
CAS-before-RAS refresh
CAS hold time for
tCHR
15
ns
CAS-before-RAS refresh
RAS precharge time to
tRPC
10
ns
CAS active time
CAS precharge time for
tCPT
40
ns
CAS-before-RAS counter test
RAS hold time referenced to OE
tROH
15
ns
OE access time
tOEA
25
ns
9
OE delay time
tOED
15
ns
OE to output buffer turn-off
tOEZ
0
15
ns
10
delay time
OE command hold time
tOEH
20
ns
Data input to CAS delay time
tDZC
0
ns
16
Data input to OE delay time
tDZO
0
ns
16
Masked write setup time
tMCS
0
ns
Masked write hold time
tMRH
0
ns
referenced to RAS
Masked write hold time
tMCH
0
ns
referenced to CAS
Input/Output Capacitance at Ta = 25°C, f = 1 MHz, VCC = 5 V ± 10%
Parameter
Symbol
min
max
Unit
Input capacitance
CIN
7
pF
(A0 to A7, RAS, CAS, UW, LW, OE)
I/O capacitance (I/O1 to I/O16)
CI/O
7
pF


Numéro de pièce similaire - LC321664AM

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC321664BJ SANYO-LC321664BJ Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
LC321664BM SANYO-LC321664BM Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
LC321664BT-70 SANYO-LC321664BT-70 Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
LC321664BT-80 SANYO-LC321664BT-80 Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
More results

Description similaire - LC321664AM

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC321664BJ SANYO-LC321664BJ Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
LC321667BJ SANYO-LC321667BJ Datasheet
624Kb / 30P
   1 MEG (65536 words X 16 bits) DRAM EDO Page Mode, Byte Write???
LC322271J SANYO-LC322271J Datasheet
1Mb / 29P
   2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Write
LC322260J SANYO-LC322260J Datasheet
766Kb / 33P
   2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Read/Write???
LC32464P SANYO-LC32464P Datasheet
278Kb / 13P
   256K (65536 words X 4 bits) DRAM Fast Page Mode
LC382161T-17 SANYO-LC382161T-17 Datasheet
1Mb / 55P
   2 MEG(65536 words x 16 bits x 2 banks) Synchronous DRAM
logo
Micron Technology
MT4C4005 MICRON-MT4C4005 Datasheet
859Kb / 12P
   1 MEG x 4 DRAM FAST PAGE MODE WRITE-PER-BIT
logo
Austin Semiconductor
MT4C4001J AUSTIN-MT4C4001J Datasheet
251Kb / 20P
   1 MEG x 4 DRAM Fast Page Mode DRAM
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
   1 MEG x 4 DRAM Fast Page Mode DRAM
MT4C1004J AUSTIN-MT4C1004J Datasheet
121Kb / 14P
   4 MEG x 1 DRAM FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com