Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB2040CT Fiches technique(PDF) 2 Page - Pan Jit International Inc.

No de pièce SB2040CT
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB2040CT Fiches technique(HTML) 2 Page - Pan Jit International Inc.

  SB2040CT Datasheet HTML 1Page - Pan Jit International Inc. SB2040CT Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
August 25,2010-REV.04
SB2020CT SERIES
Fig.1- FORWARD CURRENT DERATING CURVE
RATING AND CHARACTERISTIC CURVES
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
Fig.2- MAXIMUM NON - REPETITIVE SURGE
CURRENT
Fig.3- TYPICAL REVERSE CHARACTERISTIC
0
50
100
150
25
20
15
10
5
0
20-45V
50-60V
240
210
180
150
120
90
60
30
0
12
5
10
20
50
100
10
1.0
0.1
0.01
0.001
20
0
4 0
60
80
100
120
140
T=25 C
J
O
T=75 C
J
O
T=100 C
J
O
CASE TEMPERATURE, C
O
NO. OF CYCLE AT 60Hz
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE, %
20
-30V
40
-60V
8.3ms Single
Half Sine-Wave
JEDEC Method
40
10
8
6
4
2
1.0
0.8
0.6
0.4
0.2
0.1
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1% Duty Cycle
Pulse Width=300 s
m
TJ=25
OC
INSTANTANEOUS FORWARD VOLTAGE
,VOLTS


Numéro de pièce similaire - SB2040CT

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SB2040CT PANJIT-SB2040CT Datasheet
45Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 20.0 Ampere)
logo
Chip Integration Techno...
SB2040CT CITC-SB2040CT Datasheet
97Kb / 3P
   20A High Power Schottky Barrier Rectifiers
logo
Won-Top Electronics
SB2040CT WTE-SB2040CT Datasheet
39Kb / 3P
   20A SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
SB2040CT SUNMATE-SB2040CT Datasheet
623Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
SB2040CT MCC-SB2040CT Datasheet
380Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Description similaire - SB2040CT

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com