Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB540 Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce SB540
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB540 Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  SB540 Datasheet HTML 1Page - Pan Jit International Inc. SB540 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
August 17,2010-REV.03
SB520 SERIES
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-S-19500/228
• For use in low voltage, high frequency inverters, free wheeling,
and polarity protection applications.
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: DO-201AD Molded plastic
• Terminals: Axial leads, solderable per MIL-STD-750,Method 2026
• Polarity: Color band denotes cathode
• Mounting Position: Any
• Weight: 0.039 ounces, 1.122 grams
SCHOTTKY BARRIER RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
NOTES:
1. Measured at ambient temperature at a distance of 9.5mm from the case
2. Minimum Pad Area
3. Pulse test : 300
μs pulse width, 1% duty cycle
VOLTAGE
20 to 60 Volts
5 Amperes
CURRENT
PA RA M E TE R
S YM B O L
S B 520
S B 530
S B 540
S B 550
S B 560
UNITS
M a xi m um Re cur r ent P eak Re ve r s e Vo lt age
V
RRM
20
30
40
50
60
V
M a xi mum RM S Vo lt a g e
V
RMS
14
21
28
35
42
V
M a xi mum D C B lo c k i ng Vo lt a g e
V
DC
20
30
40
50
60
V
M a xi m um A ver age F o r war d Re c t i fi ed C ur r e nt ( S ee F i g 1)
I
F(A V )
5A
P eak F o r war d S ur ge C ur r ent : 8.3m s s i ng le ha lf s i ne -
wa ve super i m pos ed on r a ted load ( J E D E C m e t hod)
I
FS M
150
A
M a xi m um F o r w ar d Vo lt age at 5.0A ( NO TE S 3)
V
F
0. 55
0. 70
V
M a xi m um D C Re ve r s e C ur r ent at Ra t ed D C
B loc k i ng Vo lt age
T
J =2 5
O C
T
J = 100
OC
I
R
0. 2
50
0.1
50
mA
Typ i ca l The r m a l Re si st a nce (NO TE S 2 )
( NO TES 1 )
( NO TES 1 )
Rθ
JA
R θ
JC
Rθ
JL
50
12
15
OC / W
P o we r D i s s i pat i o n
P
D
5W
Oper ati ng J unc t i on Te m per atur e R a ng e
TJ
- 55 t o + 125
- 55 t o + 150
OC
S tor age Te m per atur e Ra ng e
TSTG
- 55 to + 150
OC
0.052(1.3)
0.048(1.2)
0.210(5.3)
0.188(4.8)


Numéro de pièce similaire - SB540

FabricantNo de pièceFiches techniqueDescription
logo
Diotec Semiconductor
SB540 DIOTEC-SB540 Datasheet
93Kb / 2P
   Schottky Barrier Rectifier Diodes
logo
Pan Jit International I...
SB540 PANJIT-SB540 Datasheet
57Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)
logo
DONGGUAN YOU FENG WEI E...
SB540 YFWDIODE-SB540 Datasheet
74Kb / 2P
   5.0Amp Schottky Barrier Rectifiers
logo
Won-Top Electronics
SB540 WTE-SB540 Datasheet
63Kb / 4P
   5.0A SCHOTTKY BARRIER DIODE
logo
Shanghai Shunye Electro...
SB540 SY-SB540 Datasheet
568Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Description similaire - SB540

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com