Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM25Q64 Fiches technique(PDF) 8 Page - FIDELIX

No de pièce FM25Q64
Description  64M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FIDELIX [FIDELIX]
Site Internet  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FM25Q64 Fiches technique(HTML) 8 Page - FIDELIX

Back Button FM25Q64 Datasheet HTML 4Page - FIDELIX FM25Q64 Datasheet HTML 5Page - FIDELIX FM25Q64 Datasheet HTML 6Page - FIDELIX FM25Q64 Datasheet HTML 7Page - FIDELIX FM25Q64 Datasheet HTML 8Page - FIDELIX FM25Q64 Datasheet HTML 9Page - FIDELIX FM25Q64 Datasheet HTML 10Page - FIDELIX FM25Q64 Datasheet HTML 11Page - FIDELIX FM25Q64 Datasheet HTML 12Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
preliminary(Aug.18.2010)
8
FM25Q64
8. PIN DESCRIPTION SOIC 300-MIL
PAD NO.
PAD NAME
I/O
FUCTION
1
/HOLD(IO3)
I/O
Hold Input(Data Input Output 3)* ²
2
VCC
Power Supply
3
N/C
No Connect
4
N/C
No Connect
5
N/C
No Connect
6
N/C
No Connect
7
/CS
I
Chip Select Input
8
DO(IO1)
I/O
Data output (Data Input Output 1)* ¹
9
/WP(IO2)
I/O
Write Protection Input (Data Input Output 2)* ²
10
GND
Ground
11
N/C
No Connect
12
N/C
No Connect
13
N/C
No Connect
14
N/C
No Connect
15
DI(IO0)
I/O
Data Input (Data Input Output 0)* ¹
16
CLK
I
Serial Clock Input
*1 IO0 and IO1 are used for Dual and Quad instructions
*2 IO0_IO3 are used for Quad instructions


Numéro de pièce similaire - FM25Q64

FabricantNo de pièceFiches techniqueDescription
logo
FIDELIX
FM25Q08 FIDELIX-FM25Q08 Datasheet
2Mb / 62P
   8M-BIT Serial Flash Menory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q16 FIDELIX-FM25Q16 Datasheet
2Mb / 62P
   16M-BIT Serial Flash memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q32 FIDELIX-FM25Q32 Datasheet
2Mb / 61P
   32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
More results

Description similaire - FM25Q64

FabricantNo de pièceFiches techniqueDescription
logo
FIDELIX
FM25Q16 FIDELIX-FM25Q16 Datasheet
2Mb / 62P
   16M-BIT Serial Flash memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q32 FIDELIX-FM25Q32 Datasheet
2Mb / 61P
   32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
logo
Winbond
W25X64V WINBOND-W25X64V Datasheet
1Mb / 44P
   64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X40CLUXIG-TR WINBOND-W25X40CLUXIG-TR Datasheet
1Mb / 53P
   SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X64BV WINBOND-W25X64BV Datasheet
1Mb / 43P
   64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X05CLUXIG-TR WINBOND-W25X05CLUXIG-TR Datasheet
1Mb / 47P
   1M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X20CLUXIG-TR WINBOND-W25X20CLUXIG-TR Datasheet
1Mb / 50P
   2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25Q40CL WINBOND-W25Q40CL Datasheet
3Mb / 65P
   SERIAL FLASH MEMORY WITH 4KB SECTORS, DUAL AND QUAD SPI
W25X40BL WINBOND-W25X40BL Datasheet
780Kb / 55P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
FIDELIX
FM25Q08 FIDELIX-FM25Q08 Datasheet
2Mb / 62P
   8M-BIT Serial Flash Menory with 4KB Sectors, Dual and Quad I/O SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com