Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM25Q64 Fiches technique(PDF) 4 Page - FIDELIX

No de pièce FM25Q64
Description  64M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FIDELIX [FIDELIX]
Site Internet  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FM25Q64 Fiches technique(HTML) 4 Page - FIDELIX

  FM25Q64 Datasheet HTML 1Page - FIDELIX FM25Q64 Datasheet HTML 2Page - FIDELIX FM25Q64 Datasheet HTML 3Page - FIDELIX FM25Q64 Datasheet HTML 4Page - FIDELIX FM25Q64 Datasheet HTML 5Page - FIDELIX FM25Q64 Datasheet HTML 6Page - FIDELIX FM25Q64 Datasheet HTML 7Page - FIDELIX FM25Q64 Datasheet HTML 8Page - FIDELIX FM25Q64 Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
preliminary(Aug.18.2010)
4
FM25Q64
11.2.9
Read Data (03h)
.....................23
11.2.10
Fast Read (0Bh)
.
........................................24
11.2.11
Fast Read Dual I/O (BBh)
.
.
.
..
.
............... .25
11.2.12
Fast Read Quad I/O (EBh)
.
.
..
.
............... 27
11.2.13
Page Program (02h)
.
.
.
....................... 29
11.2.14
Quad Data Input Page Program (32h)
.
..
..
....................... 30
11.2.15
Quad Data Page Program (38h)
.
..
..
..
....................... 31
11.2.16
Sector Erase (20h)
.
.
........................... 32
11.2.17
32KB Block Erase (52h)
.
........................... 33
11.2.18
64KB Block Erase (D8h)
.
..
............................ 34
11.2.19
Chip Erase (C7 / 60h)
.
........................35
11.2.20
Erase / Program Suspend (75h)
.
.
...................... 36
11.2.21
Erase / Program Resume (7Ah)
.
....................... 37
11.2.22
Power-down (B9h)
.
............................ 38
11.2.23
Release Power-down / Device ID (ABh).......................................................38
11.2.24
Read Manufacturer / Device ID (90h,EFh,DFh)
.
.
.... 40
11.2.25
JEDEC ID (9Fh)
.
....................................................................... 43
11.2.26
Mode Bit Reset (FFh)
.
........................................................... 44
11.2.27
Enter Secured OTP (B1h)
.
........................................................... 45
11.2.28
Exit Secured OTP (C1h)
.
............................................................. 45
11.2.29
Read Security Register (2Bh)..
........................................................... 46
11.2.30
Write Security Register (2Fh)
.
..................................................... 47
11.2.31
4K-bit Secured OTP.................................................................................... 47
11.2.32
Set Burst with Wrap (77h)........................................................................... 48
12.
ELECTRICAL CHARACTERISTICS
....................................................................49
12.1
Absolute Maximum Ratings..........................................................................................49
12.2
Operating Ranges........................................................................................................ 49
12.3
Endurance and Data Retention
.............................................................. 50
12.4
Power-up Timing and Write Inhibit Threshold...............................................................50
12.5
DC Electrical Characteristics.........................................................................................51
12.6
AC Measurement Conditions........................................................................................ 52
12.7
AC Electrical Characteristics......................................................................................... 53
12.8
AC Electrical Characteristics (cont’d)
......................................................54
12.9
Serial Output Timing.....................................................................................................55
12.10
Input Timing................................................................................................................ 55
12.11
Hold Timing................................................................................................................. 55
13.
PACKAGE SPECIFICATION........................................................................................................ 56
13.1
8-Pin SOIC 208-mil
.........................................................................56
13.2
8-Pin PDIP 300-mil ..................................................................................................... 57
13.3
8-contact 6x5 WSON................................................................................................... 58
13.4
8-contact 6x5 WSON Cont’d........................................................................................ 59
13.5
16-Pin SOIC 300-mil.................................................................................................... 60
14.
ORDERING INFORMATION..........................................................................................................61


Numéro de pièce similaire - FM25Q64

FabricantNo de pièceFiches techniqueDescription
logo
FIDELIX
FM25Q08 FIDELIX-FM25Q08 Datasheet
2Mb / 62P
   8M-BIT Serial Flash Menory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q16 FIDELIX-FM25Q16 Datasheet
2Mb / 62P
   16M-BIT Serial Flash memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q32 FIDELIX-FM25Q32 Datasheet
2Mb / 61P
   32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
More results

Description similaire - FM25Q64

FabricantNo de pièceFiches techniqueDescription
logo
FIDELIX
FM25Q16 FIDELIX-FM25Q16 Datasheet
2Mb / 62P
   16M-BIT Serial Flash memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q32 FIDELIX-FM25Q32 Datasheet
2Mb / 61P
   32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
logo
Winbond
W25X64V WINBOND-W25X64V Datasheet
1Mb / 44P
   64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X40CLUXIG-TR WINBOND-W25X40CLUXIG-TR Datasheet
1Mb / 53P
   SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X64BV WINBOND-W25X64BV Datasheet
1Mb / 43P
   64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X05CLUXIG-TR WINBOND-W25X05CLUXIG-TR Datasheet
1Mb / 47P
   1M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X20CLUXIG-TR WINBOND-W25X20CLUXIG-TR Datasheet
1Mb / 50P
   2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25Q40CL WINBOND-W25Q40CL Datasheet
3Mb / 65P
   SERIAL FLASH MEMORY WITH 4KB SECTORS, DUAL AND QUAD SPI
W25X40BL WINBOND-W25X40BL Datasheet
780Kb / 55P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
FIDELIX
FM25Q08 FIDELIX-FM25Q08 Datasheet
2Mb / 62P
   8M-BIT Serial Flash Menory with 4KB Sectors, Dual and Quad I/O SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com