Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FZT957 Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce FZT957
Description  SOT223 PNP SILICON PLANAR HIGH CURRENT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT957 Fiches technique(HTML) 2 Page - Diodes Incorporated

  FZT957 Datasheet HTML 1Page - Diodes Incorporated FZT957 Datasheet HTML 2Page - Diodes Incorporated FZT957 Datasheet HTML 3Page - Diodes Incorporated FZT957 Datasheet HTML 4Page - Diodes Incorporated FZT957 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated)
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
-330
-440
V
IC=-100µA
Collector-Emitter
Breakdown Voltage
V(BR)CER
-330
-440
V
IC=-1µA, RB ≤1kΩ
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-300
-400
V
IC=-10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
-6
-8
V
IE=-100µA
Collector Cut-Off Current
ICBO
-50
-1
nA
µ
A
VCB=-300V
VCB=-300V, Tamb=100°C
Collector Cut-Off Current
ICER
R ≤1kΩ
-50
-1
nA
µ
A
VCB=-300V
VCB=-300V, Tamb=100°C
Emitter Cut-Off Current
IEBO
-10
nA
VEB=-6V
Collector-Emitter
Saturation Voltage
VCE(sat)
-60
-110
-170
-100
-165
-240
mV
mV
mV
IC=-100mA, IB=-10mA*
IC=-500mA, IB=-100mA*
IC=-1A, IB=-300mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-910
-1150 mV
IC=-1A, IB=-300mA*
Base-Emitter
Turn-On Voltage
VBE(on)
-750
-1020 mV
IC=-1A, VCE=-10V*
Static Forward
Current Transfer Ratio
hFE
100
100
90
200
200
170
10
300
IC=-10mA, VCE=-10V*
IC=-0.5A, VCE=-10V*
IC=-1A, VCE=-10V*
IC=-2A, VCE=-10V*
Transition Frequency
fT
85
MHz
IC=-100mA, VCE=-10V
f=50MHz
Output Capacitance
Cobo
23
pF
VCB=-20V, f=1MHz
Switching Times
ton
toff
108
2500
ns
ns
IC=-500mA, IB1=-50mA
IB2=50mA, VCC=-100V
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
Spice parameter data is available upon request for this device
FZT957
3 - 290
FZT957
3 - 291
-55°C
+25°C
+100°C
+175°C
+100°C
+25°C
-55°C
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
20
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
TYPICAL CHARACTERISTICS
VCE(sat) v IC
I+ -
Collector Current (Amps)
Tamb=25°C
VCE(sat) v IC
-55°C
+25°C
+100°C
+175°C
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
hFE v IC
VBE(sat) v IC
I+ -
Collector Current (Amps)
VBE(on) v IC
IC/IB=20
IC/IB=5
IC/IB=10
VCE=10V
VCE=10V
300
200
100
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
I+ -
Collector Current (Amps)
-55°C
+25°C
+175°C
IC/IB=5
0.001
0.001
0.001
Safe Operating Area
Single Pulse Test Tamb=25C
0.1
1
1
10
100
VCE- Collector Voltage (V)
10
DC
10ms
1ms
100µs
100ms
1s
0.01
1000


Numéro de pièce similaire - FZT957

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
FZT957 ZETEX-FZT957 Datasheet
101Kb / 5P
   PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
List of Unclassifed Man...
FZT957 ETC-FZT957 Datasheet
114Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Diodes Incorporated
FZT957QTC DIODES-FZT957QTC Datasheet
827Kb / 7P
   PNP MEDIUM POWER TRANSISTOR
logo
List of Unclassifed Man...
FZT957TA ETC-FZT957TA Datasheet
114Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Diodes Incorporated
FZT957TA DIODES-FZT957TA Datasheet
827Kb / 7P
   PNP MEDIUM POWER TRANSISTOR
More results

Description similaire - FZT957

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
FZT955 DIODES-FZT955 Datasheet
235Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT
FZT951 DIODES-FZT951 Datasheet
110Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT
FZT948 DIODES-FZT948 Datasheet
227Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT
FZT968 DIODES-FZT968 Datasheet
109Kb / 2P
   SOT223 PNP SILICON PLANAR HIGH CURRENT
FZT949TA DIODES-FZT949TA Datasheet
227Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
List of Unclassifed Man...
FZT957TA ETC-FZT957TA Datasheet
114Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Diodes Incorporated
FZT955TA DIODES-FZT955TA Datasheet
235Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Zetex Semiconductors
FZT951 ZETEX-FZT951 Datasheet
124Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Diodes Incorporated
FZT951TA DIODES-FZT951TA Datasheet
110Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Zetex Semiconductors
FZT955 ZETEX-FZT955_05 Datasheet
228Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com