Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8222-EVALZ Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD8222-EVALZ
Description  Precision, Dual-Channel Instrumentation Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8222-EVALZ Fiches technique(HTML) 4 Page - Analog Devices

  AD8222-EVALZ Datasheet HTML 1Page - Analog Devices AD8222-EVALZ Datasheet HTML 2Page - Analog Devices AD8222-EVALZ Datasheet HTML 3Page - Analog Devices AD8222-EVALZ Datasheet HTML 4Page - Analog Devices AD8222-EVALZ Datasheet HTML 5Page - Analog Devices AD8222-EVALZ Datasheet HTML 6Page - Analog Devices AD8222-EVALZ Datasheet HTML 7Page - Analog Devices AD8222-EVALZ Datasheet HTML 8Page - Analog Devices AD8222-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD8222
Rev. A | Page 4 of 24
A Grade
B Grade
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
REFERENCE INPUT
RIN
20
20
IIN
V+IN, V−IN, VREF = 0 V
50
60
50
60
μA
Voltage Range
−VS
+VS
−VS
+VS
V
Reference Gain to Output
1
1
V/V
Reference Gain Error
0.01
0.01
%
GAIN
G = 1 + (49.4 kΩ/RG)
Gain Range
1
10000
1
10000
V/V
Gain Error
VOUT ± 10 V
G = 1
0.05
0.02
%
G = 10
0.3
0.15
%
G = 100
0.3
0.15
%
G = 1000
0.3
0.15
%
Gain Nonlinearity
VOUT = –10 V to +10 V
G = 1
3
10
1
5
ppm
G = 10
7
20
7
20
ppm
G = 100
7
20
7
20
ppm
Gain vs. Temperature
G = 1
3
10
2
5
ppm/°C
G > 12
−50
−50
ppm/°C
INPUT
Input Impedance
Differential
100||2
100||2
GΩ||pF
Common Mode
100||2
100||2
GΩ||pF
Input Operating Voltage Range3
VS = ±2.3 V to ±5 V
−VS + 1.9
+VS − 1.1
−VS + 1.9
+VS − 1.1
V
Over Temperature
TA = −40°C to +85°C
−VS + 2.0
+VS − 1.2
−VS + 2.0
+VS − 1.2
V
Input Operating Voltage Range3
VS = ±5 V to ±18 V
−VS + 1.9
+VS − 1.2
−VS + 1.9
+VS − 1.2
V
Over Temperature
TA = −40°C to +85°C
−VS + 2.0
+VS − 1.2
−VS + 2.0
+VS − 1.2
V
OUTPUT
RL = 10 kΩ
Output Swing
VS = ±2.3 V to ±5 V
−VS + 1.1
+VS − 1.2
−VS + 1.1
+VS − 1.2
V
Over Temperature
TA = −40°C to +85°C
−VS + 1.4
+VS − 1.3
−VS + 1.4
+VS − 1.3
V
Output Swing
VS = ±5 V to ±18 V
−VS + 1.2
+VS − 1.4
−VS + 1.2
+VS − 1.4
V
Over Temperature
TA = −40°C to +85°C
−VS + 1.6
+VS − 1.5
−VS + 1.6
+VS − 1.5
V
Short-Circuit Current
18
18
mA
POWER SUPPLY
Operating Range
VS = ±2.3 V to ±18 V
±2.3
±18
±2.3
±18
V
Quiescent Current (per Amplifier)
0.9
1.1
0.9
1.1
mA
Over Temperature
TA = −40°C to +85°C
1
1.2
1
1.2
mA
TEMPERATURE RANGE
Specified Performance
−40
+85
−40
+85
°C
Operational4
−40
+125
−40
+125
°C
1 Refers to differential configuration shown in Figure 49.
2 Does not include the effects of external resistor, RG.
3 One input grounded. G = 1.
4 See the Typical Performance Characteristics section for expected operation between 85°C and 125°C.


Numéro de pièce similaire - AD8222-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8222-EVALZ AD-AD8222-EVALZ Datasheet
582Kb / 25P
   Precision, Dual-Channel Instrumentation Amplifier
More results

Description similaire - AD8222-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8222 AD-AD8222 Datasheet
595Kb / 24P
   Precision, Dual-Channel Instrumentation Amplifier
REV. 0
AD8222 AD-AD8222_16 Datasheet
582Kb / 25P
   Precision, Dual-Channel Instrumentation Amplifier
AD8222 AD-AD8222_15 Datasheet
417Kb / 24P
   Precision, Dual-Channel Instrumentation Amplifier
REV. A
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com