Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD623BR-REEL Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD623BR-REEL
Description  Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD623BR-REEL Fiches technique(HTML) 5 Page - Analog Devices

  AD623BR-REEL Datasheet HTML 1Page - Analog Devices AD623BR-REEL Datasheet HTML 2Page - Analog Devices AD623BR-REEL Datasheet HTML 3Page - Analog Devices AD623BR-REEL Datasheet HTML 4Page - Analog Devices AD623BR-REEL Datasheet HTML 5Page - Analog Devices AD623BR-REEL Datasheet HTML 6Page - Analog Devices AD623BR-REEL Datasheet HTML 7Page - Analog Devices AD623BR-REEL Datasheet HTML 8Page - Analog Devices AD623BR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD623
Rev. D | Page 5 of 24
AD623A
AD623ARM
AD623B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Nonlinearity
G1 VOUT =
−4.8 V to +3.5 V
G > 1 VOUT =
−4.8 V to +4.5 V
G = 1 to 1000
50
50
50
ppm
Gain vs. Temperature
G = 1
5
10
5
10
5
10
ppm/°C
G > 11
50
50
50
ppm/°C
VOLTAGE OFFSET
Total RTI error =
VOSI + VOSO/G
Input Offset, VOSI
25
200
200
500
25
100
μV
Over Temperature
350
650
160
μV
Average Tempco
0.1
2
0.1
2
0.1
1
μV/°C
Output Offset, VOSO
200
1000
500
2000
200
500
μV
Over Temperature
1500
2600
1100
μV
Average Tempco
2.5
10
2.5
10
2.5
10
μV/°C
Offset Referred to the Input
vs. Supply (PSR)
G = 1
80
100
80
100
80
100
dB
G = 10
100
120
100
120
100
120
dB
G = 100
120
140
120
140
120
140
dB
G = 1000
120
140
120
140
120
140
dB
INPUT CURRENT
Input Bias Current
17
25
17
25
17
25
nA
Over Temperature
27.5
27.5
27.5
nA
Average Tempco
25
25
25
pA/°C
Input Offset Current
0.25
2
0.25
2
0.25
2
nA
Over Temperature
2.5
2.5
2.5
nA
Average Tempco
5
5
5
pA/°C
INPUT
Input Impedance
Differential
2||2
2||2
2||2
GΩ||pF
Common-Mode
2||2
2||2
2||2
GΩ||pF
Input Voltage Range2
VS = +2.5 V to
±6 V
(−VS) –
0.15
(+VS) –
1.5
(−VS) –
0.15
(+VS) –
1.5
(−VS) –
0.15
(+VS) –
1.5
V
Common-Mode Rejection at
60 Hz with 1 kΩ Source
Imbalance
G = 1
VCM = +3.5 V to
−5.15 V
70
80
70
80
77
86
dB
G = 10
VCM = +3.5 V to
−5.15 V
90
100
90
100
94
100
dB
G = 100
VCM = +3.5 V to
−5.15 V
105
110
105
110
105
110
dB
G = 1000
VCM = +3.5 V to
−5.15 V
105
110
105
110
105
110
dB
OUTPUT
Output Swing
RL = 10 kΩ,
VS = ±5 V
(−VS) +
0.2
(+VS) −
0.5
(−VS) +
0.2
(+VS) −
0.5
(−VS) +
0.2
(+VS) −
0.5
V
RL = 100 kΩ
(−VS) +
0.05
(+VS) −
0.15
(−VS) +
0.05
(+VS) −
0.15
(−VS) +
0.05
(+VS) −
0.15
V


Numéro de pièce similaire - AD623BR-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD623BR-REEL AD-AD623BR-REEL Datasheet
965Kb / 16P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. C
AD623BR-REEL7 AD-AD623BR-REEL7 Datasheet
965Kb / 16P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. C
More results

Description similaire - AD623BR-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD623 AD-AD623_15 Datasheet
1Mb / 24P
   Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD623 AD-AD623 Datasheet
965Kb / 16P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. C
AD8223 AD-AD8223 Datasheet
420Kb / 20P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
Rev. PrA
AD623 AD-AD623_16 Datasheet
1Mb / 27P
   Single and Dual-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
logo
Burr-Brown (TI)
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156 BURR-BROWN-INA156 Datasheet
114Kb / 10P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA155 TI1-INA155 Datasheet
720Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA155UG4 TI-INA155UG4 Datasheet
702Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156 TI1-INA156 Datasheet
685Kb / 15P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com