Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1922 Fiches technique(PDF) 7 Page - Sanyo Semicon Device

No de pièce LB1922
Description  Three-Phase Brushless Motor Driver for Office Automation Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1922 Fiches technique(HTML) 7 Page - Sanyo Semicon Device

Back Button LB1922 Datasheet HTML 2Page - Sanyo Semicon Device LB1922 Datasheet HTML 3Page - Sanyo Semicon Device LB1922 Datasheet HTML 4Page - Sanyo Semicon Device LB1922 Datasheet HTML 5Page - Sanyo Semicon Device LB1922 Datasheet HTML 6Page - Sanyo Semicon Device LB1922 Datasheet HTML 7Page - Sanyo Semicon Device LB1922 Datasheet HTML 8Page - Sanyo Semicon Device LB1922 Datasheet HTML 9Page - Sanyo Semicon Device LB1922 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
12. External resistors
• R4 and R5
R4 and R5 are used to apply the high-level input to the F/R pin. Since the F/R pin has a built-in pull-down resistor
which is about 50 k
Ω, it will be at the low level when left open. A voltage of between 4.0 and 6.3 V must be
applied to input a high level to the F/R pin.
• R15
R15 is used to apply the high-level input to the S/S pin. Since the S/S pin has a built-in pull-down resistor which is
about 50 k
Ω, it will be at the low level when left open. (A voltage of between 4.0 and 6.3 V must be applied to
input a start-state high level to the S/S pin.) As is the case with the F/R input, using a two-resistor voltage divider
to apply a voltage to the S/S pin provides better noise immunity since a lower input impedance can be set up.
However, in applications where noise is not a problem, the high level may be applied with a single resistor, as is
done with R15 in this circuit.
When VCC is first applied, if VCC comes up slowly (around 10 mV/ms or slower) the motor may turn somewhat
even though the circuit is in stop mode. This is because the S/S pin input voltage is provided through a two-
resistor voltage divider and when VCC is still relatively low, the S/S pin input voltage will be below 2.6 V, which
is the start mode input level. If it is impossible to increase the speed with which the power voltage is brought up
and this is a problem, a capacitor may be inserted between VCC and the S/S pin to resolve the problem.
13. Through currents due to the direct PWM technique
In the direct PWM technique, through currents may flow in the output due to the switching. (This occurs in both
discrete component implementations as well as with the LB1822.) This is due to the delay and parasitic capacitors in
the output transistors. Earlier application used capacitors to deal with this problem if it occurred. However, since this
IC includes circuits designed to deal with this phenomenon, there is no need for external components to deal with
these currents. During switching, whiskers of up to about 10 ns may appear in the RF waveform, but they will not
cause problems in applications.
14. Oscillators
Normally, applications using this IC will use a crystal oscillator. However, it may be possible to use a ceramic
oscillator in applications in which the requirements on the speed control characteristics are not demanding. To avoid
problems, always consult the manufacturer of the oscillator element concerning the values of the external capacitors
and resistors used.
15. IC internal power dissipation calculation (calculated for VCC = 12 V with typical specifications)
• Power dissipation due to the supply current (ICC)
Stop mode:
P1 = VCC × ICC1 = 12 × 34 m = 0.41 W
Start mode:
P2 = VCC × ICC2 = 12 × 8 m = 0.08 W
• Power dissipation when a –10-mA load current is drawn from the 7-V fixed voltage output.
P3 = (VCC – 7) × 10 m = 5 × 10 m = 0.05 W
• Power dissipation due to the output drive current (when the output duty is 100%)
P4 = {(VCC –1)2/8k} + {(VCC – 2)2/10k} = (112/2k) + (102/4k) = 0.09 W
• Power dissipation in the output transistors (when IO = 2 A, the output duty is 100%)
P5 = VO (sat)2 × IO = 2.7 × 2 = 5.4 W
Therefore, the IC overall power dissipation will be:
Start mode:
P = P2 = 0.08 W
Stop mode:
P = P1 + P3 + P4 + P5 = 5.95 W
(For an output duty of 100%)
No. 5679-7/10
LB1922


Numéro de pièce similaire - LB1922

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1920 SANYO-LB1920 Datasheet
289Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1921 SANYO-LB1921 Datasheet
138Kb / 10P
   Three-Phase Brushless Motor Driver for OA Applications
LB1923M SANYO-LB1923M Datasheet
110Kb / 17P
   Power Brushless Motor Pre-Driver IC for OA Equipment
LB1924 SANYO-LB1924 Datasheet
133Kb / 11P
   Power Brushless Motor Driver IC for Office Automation Equipment
LB1927 SANYO-LB1927 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
More results

Description similaire - LB1922

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1920 SANYO-LB1920 Datasheet
289Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1928 SANYO-LB1928 Datasheet
112Kb / 11P
   Three-Phase Brushless Motor Driver for Office Automation Equipment
LB11920 SANYO-LB11920 Datasheet
103Kb / 10P
   Three-Phase Brushless Motor Driver for Office Equipment Applications
LB1927 SANYO-LB1927 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1929 SANYO-LB1929_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1928 SANYO-LB1928_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1820 SANYO-LB1820 Datasheet
77Kb / 7P
   Office Automation-Use 3-Phase Brushless Motor Driver
LB1924 SANYO-LB1924 Datasheet
133Kb / 11P
   Power Brushless Motor Driver IC for Office Automation Equipment
LB1921 SANYO-LB1921 Datasheet
138Kb / 10P
   Three-Phase Brushless Motor Driver for OA Applications
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com