Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1881M Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LB1881M
Description  Three-Phase Brushless Motor Driver IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1881M Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LB1881M Datasheet HTML 1Page - Sanyo Semicon Device LB1881M Datasheet HTML 2Page - Sanyo Semicon Device LB1881M Datasheet HTML 3Page - Sanyo Semicon Device LB1881M Datasheet HTML 4Page - Sanyo Semicon Device LB1881M Datasheet HTML 5Page - Sanyo Semicon Device LB1881M Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Monolithic Digital IC
Ordering number : EN4455B
O3097HA (OT)/30395TH (OT) No. 4455-1/6
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Three-Phase Brushless Motor Driver IC
LB1881M
Overview
The LB1881M is a three-phase brushless motor driver IC
designed for use as a camcorder capstan or drum motor
driver, or as a digital audio tape player/recorder motor
driver.
Features
• 120° voltage linear system
• Appropriate for portable applications, since the
LB1881M reduces system power requirements by using
motor voltage control for speed control.
• Built-in torque ripple compensation circuit
• Small external capacitances due to the adoption of a soft
switching technique (chip capacitor).
• Built-in thermal shutdown circuit
• Built-in FG amplifier
Package Dimensions
unit: mm
3073A-MFP30S
SANYO: MFP30S
[LB1881M]
Specifications
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC1 max
7
V
Supply voltage
VCC2 max
12
V
VS max
VCC2V
Output applied voltage
VO max
VS + 2
V
Input applied voltage
VI max
All input pins
VCC1V
Output current
IO max
1.0
A
Allowable power dissipation
Pd max
1.0
W
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–55 to +150
°C
Allowable Operating Ranges at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC1VCC1 ≤ VCC2
4.0 to 6.0
V
Supply voltage
VCC2
4 to 10
V
VS
Up to VCC2V


Numéro de pièce similaire - LB1881M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
More results

Description similaire - LB1881M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1854M SANYO-LB1854M Datasheet
107Kb / 6P
   Three-Phase Brushless Motor Driver IC
logo
Hitachi Semiconductor
HA13565F HITACHI-HA13565F Datasheet
62Kb / 17P
   Three-Phase Brushless DC Motor Driver IC
HA13536F HITACHI-HA13536F Datasheet
62Kb / 16P
   Three-Phase Brushless DC Motor Driver IC
logo
Sanyo Semicon Device
LB11921T SANYO-LB11921T Datasheet
178Kb / 18P
   Monolithic Digital IC Three-Phase Brushless Motor Driver
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com