Moteur de recherche de fiches techniques de composants électroniques |
|
BZX55C51 Fiches technique(PDF) 2 Page - Pan Jit International Inc. |
|
BZX55C51 Fiches technique(HTML) 2 Page - Pan Jit International Inc. |
2 / 3 page PAGE . 2 STAD-FEB.10.2009 1 BZX55C2V4~BZX55C100 r e b m u N t r a P e g a t l o V r e n e Z l a n i m o N e c n a d e p m I r e n e Z . x a M e s r e v e R x a M t n e r r u C e g a k a e L g n i k r a m e d o c V Z @IZT ZZT @IZT ZZK @IZK IR @VR V . m o N V . n i M V . x a M Ω A m Ω A m A u V 4 V 2 C 5 5 X Z B 4 . 2 8 2 . 2 6 5 . 2 5 8 5 0 0 6 1 0 5 1 4 V 2 C 5 5 X Z B 7 V 2 C 5 5 X Z B 7 . 2 5 . 2 9 . 2 5 8 5 0 0 6 1 0 1 1 7 V 2 C 5 5 X Z B 0 V 3 C 5 5 X Z B 3 8 . 2 2 . 3 5 8 5 0 0 6 1 4 1 0 V 3 C 5 5 X Z B 3 V 3 C 5 5 X Z B 3 . 3 1 . 3 5 . 3 5 8 5 0 0 6 1 2 1 3 V 3 C 5 5 X Z B 6 V 3 C 5 5 X Z B 6 . 3 4 . 3 8 . 3 5 8 5 0 0 6 1 2 1 6 V 3 C 5 5 X Z B 9 V 3 C 5 5 X Z B 9 . 3 7 . 3 1 . 4 5 8 5 0 0 6 1 2 1 9 V 3 C 5 5 X Z B 3 V 4 C 5 5 X Z B 3 . 4 4 6 . 4 5 7 5 0 0 6 1 1 1 3 V 4 C 5 5 X Z B 7 V 4 C 5 5 X Z B 7 . 4 4 . 4 5 0 6 5 0 0 6 1 5 . 0 1 7 V 4 C 5 5 X Z B 1 V 5 C 5 5 X Z B 1 . 5 8 . 4 4 . 5 5 3 5 0 5 5 1 1 . 0 1 1 V 5 C 5 5 X Z B 6 V 5 C 5 5 X Z B 6 . 5 2 . 5 6 5 2 5 0 5 4 1 1 . 0 1 6 V 5 C 5 5 X Z B 2 V 6 C 5 5 X Z B 2 . 6 8 . 5 6 . 6 0 1 5 0 0 2 1 1 . 0 2 2 V 6 C 5 5 X Z B 8 V 6 C 5 5 X Z B 8 . 6 4 . 6 2 . 7 8 5 0 5 1 1 1 . 0 3 8 V 6 C 5 5 X Z B 5 V 7 C 5 5 X Z B 5 . 7 7 9 . 7 7 5 0 5 1 1 . 0 5 5 V 7 C 5 5 X Z B 2 V 8 C 5 5 X Z B 2 . 8 7 . 7 7 . 8 7 5 0 5 1 1 . 0 6 2 V 8 C 5 5 X Z B 1 V 9 C 5 5 X Z B 1 . 9 5 . 8 6 . 9 0 1 5 0 5 1 1 . 0 7 1 V 9 C 5 5 X Z B 0 1 C 5 5 X Z B 0 1 4 . 9 6 . 0 1 5 1 5 0 7 1 1 . 0 8 0 1 C 5 5 X Z B 1 1 C 5 5 X Z B 1 1 4 . 0 1 6 . 1 1 0 2 5 0 7 1 1 . 0 9 1 1 C 5 5 X Z B 2 1 C 5 5 X Z B 2 1 4 . 1 1 7 . 2 1 0 2 5 0 9 1 1 . 0 9 2 1 C 5 5 X Z B 3 1 C 5 5 X Z B 3 1 4 . 2 1 1 . 4 1 6 2 5 0 1 1 1 1 . 0 0 1 3 1 C 5 5 X Z B 5 1 C 5 5 X Z B 5 1 8 . 3 1 6 . 5 1 0 3 5 0 1 1 1 1 . 0 1 1 5 1 C 5 5 X Z B 6 1 C 5 5 X Z B 6 1 3 . 5 1 1 . 7 1 0 4 5 0 7 1 1 1 . 0 2 1 6 1 C 5 5 X Z B 8 1 C 5 5 X Z B 8 1 8 . 6 1 1 . 9 1 0 5 5 0 7 1 1 1 . 0 4 1 8 1 C 5 5 X Z B 0 2 C 5 5 X Z B 0 2 8 . 8 1 2 . 1 2 5 5 5 0 2 2 1 1 . 0 5 1 0 2 C 5 5 X Z B 2 2 C 5 5 X Z B 2 2 8 . 0 2 3 . 3 2 5 5 5 0 2 2 1 1 . 0 7 1 2 2 C 5 5 X Z B 4 2 C 5 5 X Z B 4 2 8 . 2 2 6 . 5 2 0 8 5 0 2 2 1 1 . 0 8 1 4 2 C 5 5 X Z B 7 2 C 5 5 X Z B 7 2 1 . 5 2 9 . 8 2 0 8 5 0 2 2 1 1 . 0 0 2 7 2 C 5 5 X Z B 0 3 C 5 5 X Z B 0 3 8 2 2 3 0 8 5 0 2 2 1 1 . 0 2 2 0 3 C 5 5 X Z B 3 3 C 5 5 X Z B 3 3 1 3 5 3 0 8 5 0 2 2 1 1 . 0 4 2 3 3 C 5 5 X Z B 6 3 C 5 5 X Z B 6 3 4 3 8 3 0 8 5 0 2 2 1 1 . 0 7 2 6 3 C 5 5 X Z B 9 3 C 5 5 X Z B 9 3 7 3 1 4 0 9 5 . 2 0 0 5 1 1 . 0 0 3 9 3 C 5 5 X Z B 3 4 C 5 5 X Z B 3 4 0 4 6 4 0 9 5 . 2 0 0 6 1 1 . 0 3 3 3 4 C 5 5 X Z B 7 4 C 5 5 X Z B 7 4 4 4 0 5 0 1 1 5 . 2 0 0 7 1 1 . 0 6 3 7 4 C 5 5 X Z B 1 5 C 5 5 X Z B 1 5 8 4 4 5 5 2 1 5 . 2 0 0 7 5 . 0 1 . 0 9 3 1 5 C 5 5 X Z B 6 5 C 5 5 X Z B 6 5 2 5 0 6 5 3 1 5 . 2 0 0 0 1 5 . 0 1 . 0 3 4 6 5 C 5 5 X Z B 2 6 C 5 5 X Z B 2 6 8 5 6 6 0 5 1 5 . 2 0 0 0 1 5 . 0 1 . 0 7 4 2 6 C 5 5 X Z B 8 6 C 5 5 X Z B 8 6 4 6 2 7 0 0 2 5 . 2 0 0 0 1 5 . 0 1 . 0 1 5 8 6 C 5 5 X Z B 5 7 C 5 5 X Z B 5 7 0 7 9 7 0 5 2 5 . 2 0 0 5 1 5 . 0 1 . 0 6 5 5 7 C 5 5 X Z B 2 8 C 5 5 X Z B 2 8 7 7 7 8 0 0 3 5 . 2 0 0 0 2 5 . 0 1 . 0 2 6 2 8 C 5 5 X Z B 1 9 C 5 5 X Z B 1 9 5 8 6 9 0 5 4 1 0 0 0 5 1 . 0 1 . 0 8 6 1 9 C 5 5 X Z B 0 0 1 C 5 5 X Z B 0 0 1 4 9 6 0 1 0 5 4 1 0 0 0 5 1 . 0 1 . 0 5 7 0 0 1 C 5 5 X Z B STANDARD VOLTAGE TOLERANCE IS + 5% AND: SUFFIX “A” FOR + 1% SUFFIX “B” FOR + 2% SUFFIX “C” FOR + 5% SUFFIX “D” FOR + 20% * MEASURED WITH PULSES Tp=40 mSec. ZENERDIODENUMBERINGSYSTEM: BZX55 C3V6 1* 2* 1* TYPE NO. 2* VZ OF ZENER DIODE, V CODE IS INSTEAD OF DECIMAL POINT. 3* e.g., 3V6=3.6V * MEASURED WITH PULSES Tp=40 mSec. |
Numéro de pièce similaire - BZX55C51 |
|
Description similaire - BZX55C51 |