Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1854 Fiches technique(PDF) 5 Page - Sanyo Semicon Device

No de pièce LB1854
Description  Three-Phase Brushless Motor Driver IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1854 Fiches technique(HTML) 5 Page - Sanyo Semicon Device

  LB1854 Datasheet HTML 1Page - Sanyo Semicon Device LB1854 Datasheet HTML 2Page - Sanyo Semicon Device LB1854 Datasheet HTML 3Page - Sanyo Semicon Device LB1854 Datasheet HTML 4Page - Sanyo Semicon Device LB1854 Datasheet HTML 5Page - Sanyo Semicon Device LB1854 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
No. 4476-5/6
LB1854M
Continued from preceding page.
Unit (resistance:
Ω)
Pin No.
Symbol
Pin voltage
Equivalent circuit
Function
7
8
9
10
11
12
13
18
19
UOUT
VOUT
WOUT
Rf
VCC2
CL
GC
FGOUT2
FGOUT1
4.3 to 6.5 V
0 V min
VCC2 max
0 V min
VCC2 max
Output pins
Output transistor ground
Feedback can be applied to the control amplifier by
inserting resistor between this pin and GND and detecting
the output current as a voltage. The overcurrent
protection circuit (current limiter) operates by detecting
the voltage on this pin.
Power supply provided to all blocks other than the output
block
This voltage must be stabilized so that no ripple or other
noise is present.
The current limiter operates when the Rf pin reaches the
same potential as pin 12. The pin 12 potential is set up
externally.
Control input to output gain switching pin
High level (4 to 5 V): 34 dB
Middle level (2 to 3 V) or open: 40 dB (low speed):
34 dB (high speed)
Low level (0 to 1 V): 40 dB
However, note that this applies when VCC2 is 5 V.
FG Schmitt amplifier output
FG amplifier output
Continued on next page.


Numéro de pièce similaire - LB1854

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1855 SANYO-LB1855 Datasheet
79Kb / 5P
   3-Phase Brushless Motor Driver
LB1855NM SANYO-LB1855NM Datasheet
79Kb / 5P
   3-Phase Brushless Motor Driver
LB1857 SANYO-LB1857 Datasheet
150Kb / 8P
   Three-Phase Brushless-Motor Driver
LB1857M SANYO-LB1857M Datasheet
150Kb / 8P
   Three-Phase Brushless-Motor Driver
More results

Description similaire - LB1854

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1881M SANYO-LB1881M Datasheet
115Kb / 6P
   Three-Phase Brushless Motor Driver IC
logo
Hitachi Semiconductor
HA13565F HITACHI-HA13565F Datasheet
62Kb / 17P
   Three-Phase Brushless DC Motor Driver IC
HA13536F HITACHI-HA13536F Datasheet
62Kb / 16P
   Three-Phase Brushless DC Motor Driver IC
logo
Sanyo Semicon Device
LB11921T SANYO-LB11921T Datasheet
178Kb / 18P
   Monolithic Digital IC Three-Phase Brushless Motor Driver
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com