Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1695 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LB1695
Description  Three-Phase Brushless Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1695 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LB1695 Datasheet HTML 1Page - Sanyo Semicon Device LB1695 Datasheet HTML 2Page - Sanyo Semicon Device LB1695 Datasheet HTML 3Page - Sanyo Semicon Device LB1695 Datasheet HTML 4Page - Sanyo Semicon Device LB1695 Datasheet HTML 5Page - Sanyo Semicon Device LB1695 Datasheet HTML 6Page - Sanyo Semicon Device LB1695 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Overview
The LB1695 is a three-phase brushless motor driver IC
that is optimal for DC fan motor drive in home appliances
such as on-demand water heaters.
Features
• Three-phase brushless motor drive
• 45-V voltage handling capacity, 2-A output current
• Current limiter circuit
• Low-voltage protection circuit
• Thermal shutdown protection circuit
• Hall amplifiers with hysteresis characteristics
• FG output function
Package Dimensions
unit: mm
3196-DIP30SD
Monolithic Digital IC
Ordering number : EN5678
63097HA(OT) No. 5678-1/7
SANYO: DIP30SD
[LB1695]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Three-Phase Brushless Motor Driver
LB1695
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
10
V
VM
45
V
Output current
IO
2.0
A
Allowable power dissipation
Pd max
Mounted on a printed circuit board (114.3
× 76.2 × 1.6 mm3
2.5
W
glass-epoxy board)
Operating temperature
Topr
–20 to +100
°C
Storage temperature
Tstg
–55 to +150
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Power-supply voltage range
VCC
4.5 to 5.5
V
VM
5 to 42
V
Maximum power-supply slew rate at power on
∆VCC/∆t
At VCC = VLVSD(OFF)*
No more than 0.04
V/µs
∆VM/∆t
At VM = 0 V*
No more than 0.16
V/µs
Note: *These items are stipulated because output through currents can occur if the speed with which the power-supply voltage rises is too fast when power is
first applied.
Allowable Operating Ranges at Ta = 25°C
With a 20% wiring density on
a glass-epoxy board
114.3
× 76.2 × 1.6 mm3
Ambient temperature, Ta – °C


Numéro de pièce similaire - LB1695

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1695D SANYO-LB1695D Datasheet
91Kb / 9P
   LB1695D
LB1695M SANYO-LB1695M Datasheet
89Kb / 7P
   DC Fan Motor Driver
More results

Description similaire - LB1695

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com