Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1664N Fiches technique(PDF) 8 Page - Sanyo Semicon Device

No de pièce LB1664N
Description  2-Phase Unipolar Brushless Motor Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1664N Fiches technique(HTML) 8 Page - Sanyo Semicon Device

  LB1664N Datasheet HTML 1Page - Sanyo Semicon Device LB1664N Datasheet HTML 2Page - Sanyo Semicon Device LB1664N Datasheet HTML 3Page - Sanyo Semicon Device LB1664N Datasheet HTML 4Page - Sanyo Semicon Device LB1664N Datasheet HTML 5Page - Sanyo Semicon Device LB1664N Datasheet HTML 6Page - Sanyo Semicon Device LB1664N Datasheet HTML 7Page - Sanyo Semicon Device LB1664N Datasheet HTML 8Page - Sanyo Semicon Device LB1664N Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
(2) CR time constant setting method
1 Bias current of CR pin and effect of leakage of C. The value of the charge current at the threshold point is V
IN ×
0.2/R3. Therefore, this value and the leakage of C must be large enough for the bias current.
2 The CR pin voltage must not exceed 0.6 × V
IN (LB1660N, 1664N) or 0.8 × VIN-0.3V (LB1661, 1665), until the normal
rotational speed of a fan is reached and while a fan keeps the normal rotational speed; a malfunction may be caused by
instantaneous drop of power supply.
3 It should be noted that the CR pin voltage is varied with the combination C and R, even if the CR time constant is the
same.
The allowable CR setting value is given in the diagram.
(3) Restart after lock detection
The LB1660 series are so designed that when motor lock
is detected and the output stage transistor is turned off the
drive-off state is kept even after motor lock is released.
The method of restart is shown below.
1 Turn off the power supply and turn on again. Turn
on after the VCR has dropped enough.
2 Set the CR pin voltage to be less than 1 V, and then
turn off the power supply in order to cause the lock
detect function to return to normal. (The CR pin can
be also used to provide on-off control.)
Output transistor lock
Pulse of 1
Pulse of 2
Generation of discharge pulse
Current drain, ICC –mA
VIN –ICC
VO (sat) – IO
Output current, IO –A
t–R
Resistance, R –
LB1660N, 1661, 1664N, 1665
No.2551-8/9


Numéro de pièce similaire - LB1664N

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1662D SANYO-LB1662D Datasheet
72Kb / 6P
   DC Fan Motor Drivers
LB1662M SANYO-LB1662M Datasheet
72Kb / 6P
   DC Fan Motor Drivers
LB1663 SANYO-LB1663 Datasheet
74Kb / 6P
   2-Phase Unipolar Brushless Motor Drivers
LB1663M SANYO-LB1663M Datasheet
74Kb / 6P
   2-Phase Unipolar Brushless Motor Drivers
LB1663M SANYO-LB1663M Datasheet
75Kb / 5P
   2-Phase Unipolar Brushless Motor Drivers
More results

Description similaire - LB1664N

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1663 SANYO-LB1663 Datasheet
74Kb / 6P
   2-Phase Unipolar Brushless Motor Drivers
LB1663M SANYO-LB1663M Datasheet
75Kb / 5P
   2-Phase Unipolar Brushless Motor Drivers
logo
ON Semiconductor
LB1668 ONSEMI-LB1668 Datasheet
90Kb / 8P
   2-Phase Unipolar Brushless Motor Drivers
May, 2013
logo
Sanyo Semicon Device
LB1668 SANYO-LB1668 Datasheet
128Kb / 7P
   Two-Phase Unipolar Drive Brushless Motor Drivers
LB1668 SANYO-LB1668_09 Datasheet
212Kb / 8P
   Two-Phase Unipolar Drive Brushless Motor Drivers
logo
Ceramate Technical
CMD1668 CERAMATE-CMD1668 Datasheet
369Kb / 9P
   Two-Phase Unipolar Drive Brushless Motor Drivers
logo
Sanyo Semicon Device
LB1669 SANYO-LB1669 Datasheet
69Kb / 5P
   2-Phase Unipolar Brushless Motor Driver
logo
ON Semiconductor
LB1668M ONSEMI-LB1668M Datasheet
254Kb / 10P
   2?릔hase Unipolar Brushless Motor Driver
March, 2018 ??Rev. 1
logo
Sanken electric
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com