Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMA20101 Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce DMA20101
Description  Silicon PNP epitaxial planar type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DMA20101 Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  DMA20101 Datasheet HTML 1Page - Panasonic Semiconductor DMA20101 Datasheet HTML 2Page - Panasonic Semiconductor DMA20101 Datasheet HTML 3Page - Panasonic Semiconductor DMA20101 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ZJJ00531BED
This product complies with the RoHS Directive (EU 2002/95/EC).
DMA20101
2
PT  Ta
IC  VCE
hFE IC
VCE(sat) IC
IC  VBE
Cob  VCB
0
0
200
160
40
120
80
300
200
100
400
Ambient temperature Ta (°C)
DMA20101_PT-Ta
0
0
12
2
10
4
8
6
120
100
80
60
40
20
Collector-emitter voltage VCE (V)
DMA20101_IC-VCE
Ta = 25°C
IB = −600 µA
500 µA
400 µA
300 µA
200 µA
100 µA
0
0.1
600
500
400
300
200
100
1
10
100
Collector current IC (mA)
DMA20101_hFE-IC
25°C
30°C
Ta = 85°C
VCE = −10 V
0.01
0.1
0.1
1
10
1
10
−100
Collector current IC (mA)
DMA20101_VCEsat-IC
25°C
30°C
Ta = 85°C
IC / IB = 10
0
0
1.2
0.2
1.0
0.4
0.8
0.6
120
100
80
60
40
20
Base-emitter voltage VBE (V)
DMA20101_IC-VBE
30°C
25°
C
Ta = 85°C
VCE = 10 V
0
1
4.0
3.0
2.0
1.0
10
100
Collector-base voltage VCB (V)
DMA20101_Cob-VCB
IE = 0
f =1 MHz
Ta = 25°C
fT IC
0
0.1
250
200
150
100
50
1
10
100
Collector current IC (mA)
DMA20101_fT-IC
VCE = −10 V
Ta = 25°C


Numéro de pièce similaire - DMA20101

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
DMA200X1600NA IXYS-DMA200X1600NA Datasheet
594Kb / 5P
   Standard Rectifier
DMA200XA1600NA IXYS-DMA200XA1600NA Datasheet
360Kb / 5P
   Standard Rectifier
logo
Panasonic Semiconductor
DMA20201 PANASONIC-DMA20201 Datasheet
426Kb / 4P
   Silicon PNP epitaxial planar type
DMA20401 PANASONIC-DMA20401 Datasheet
492Kb / 4P
   Silicon PNP epitaxial planar type
DMA20402 PANASONIC-DMA20402 Datasheet
519Kb / 4P
   Silicon PNP epitaxial planar type
More results

Description similaire - DMA20101

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1175 KEXIN-2SB1175 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com