Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMA20101 Fiches technique(PDF) 1 Page - Panasonic Semiconductor

No de pièce DMA20101
Description  Silicon PNP epitaxial planar type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DMA20101 Fiches technique(HTML) 1 Page - Panasonic Semiconductor

  DMA20101 Datasheet HTML 1Page - Panasonic Semiconductor DMA20101 Datasheet HTML 2Page - Panasonic Semiconductor DMA20101 Datasheet HTML 3Page - Panasonic Semiconductor DMA20101 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ZJJ00531BED
This product complies with the RoHS Directive (EU 2002/95/EC).
Publication date: February 2010
1
DMA20101
Silicon PNP epitaxial planar type
For general amplification
Features
Contributes to miniaturization of sets, reduction of component count.
Eco-friendly Halogen-free package
Basic Part Number
Dual DSA2001 (Common emitter)
Packaging
Embossed type (Thermo-compression sealing): 3000 pcs / reel (standard)
Absolute Maximum Ratings Ta = 25°C
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
–60
V
Collector-emitter voltage (Base open)
VCEO
–50
V
Emitter-base voltage (Collector open)
VEBO
–7
V
Collector current
IC
–100
mA
Peak collector current
ICP
–200
mA
Total power dissipation
PT
300
mW
Junction temperature
Tj
150
°
C
Storage temperature
Tstg
–55 to +150
°
C
Electrical Characteristics Ta = 25°C±3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = –10 µA, IE = 0
–60
V
Collector-emitter voltage (Base open)
VCEO
IC = –2 mA, IB = 0
–50
V
Emitter-base voltage (Collector open)
VEBO
IE = –10 µA, IC = 0
–7
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = –20 V, IE = 0
– 0.1
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE = –10 V, IB = 0
–100
µA
Forward current transfer ratio
hFE
VCE = –10 V, IC = –2 mA
210
460
hFE ratio *
hFE
(Small/Large)
VCE = –10 V, IC = –2 mA
0.50
0.99
Collector-emitter saturation voltage
VCE(sat) IC = –100 mA, IB = –10 mA
– 0.2
– 0.5
V
Transition frequency
fT
VCE = –10 V, IC = –2 mA
150
MHz
Collector output capacitance
(Common base, input open circuited)
Cob
VCB = –10 V, IE = 0, f = 1 MHz
2
pF
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Ratio between 2 elements
Package
Code
Mini5-G3-B
Pin Name
1: Base (Tr1)
4: Collector (Tr2)
2: Emitter (Common) 5: Collector (Tr1)
3: Base (Tr2)
Marking Symbol: A0
Internal Connection
(C2)
4
Tr1
Tr2
(C1)
5
1
(B1)
3
(B2)
2
(E)


Numéro de pièce similaire - DMA20101

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
DMA200X1600NA IXYS-DMA200X1600NA Datasheet
594Kb / 5P
   Standard Rectifier
DMA200XA1600NA IXYS-DMA200XA1600NA Datasheet
360Kb / 5P
   Standard Rectifier
logo
Panasonic Semiconductor
DMA20201 PANASONIC-DMA20201 Datasheet
426Kb / 4P
   Silicon PNP epitaxial planar type
DMA20401 PANASONIC-DMA20401 Datasheet
492Kb / 4P
   Silicon PNP epitaxial planar type
DMA20402 PANASONIC-DMA20402 Datasheet
519Kb / 4P
   Silicon PNP epitaxial planar type
More results

Description similaire - DMA20101

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1175 KEXIN-2SB1175 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com