Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DZTA42 Fiches technique(PDF) 1 Page - Diodes Incorporated

No de pièce DZTA42
Description  NPN SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZTA42 Fiches technique(HTML) 1 Page - Diodes Incorporated

  DZTA42 Datasheet HTML 1Page - Diodes Incorporated DZTA42 Datasheet HTML 2Page - Diodes Incorporated DZTA42 Datasheet HTML 3Page - Diodes Incorporated DZTA42 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS30582 Rev. 5 - 2
1 of 4
www.diodes.com
DZTA42
© Diodes Incorporated
DZTA42
NPN SURFACE MOUNT TRANSISTOR
Features
Epitaxial Planar Die Construction
Complementary PNP Type Available (DZTA92)
Ideally Suited for Automated Assembly Processes
Ideal for Medium Power Switching or Amplification Applications
Lead Free By Design/RoHS Compliant (Note 1)
"Green" Device (Note 2)
Mechanical Data
Case: SOT-223
Case Material: Molded Plastic, "Green" Molding
Compound. UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Finish - Matte Tin annealed over Copper Leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Marking & Type Code Information: See Page 3
Ordering Information: See Page 3
Weight: 0.115 grams (approximate)
Maximum Ratings
@TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
300
V
Collector-Emitter Voltage
VCEO
300
V
Emitter-Base Voltage
VEBO
6
V
Continuous Collector Current
IC
500
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation at @TA = 25°C (Note 3)
Pd
1
W
Thermal Resistance, Junction to Ambient @TA = 25°C (Note 3)
RθJA
125
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
OFF CHARACTERISTICS (Note 4)
Collector-Base Breakdown Voltage
V(BR)CBO
300
V
IC = 100μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
300
V
IC = 1mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
6
V
IE = 100μA, IC = 0
Collector Cut-Off Current
ICBO
0.1
μA
VCB = 200V, IE = 0
Emitter Cut-Off Current
IEBO
0.1
μA
VEB = 6V, IC = 0
ON CHARACTERISTICS (Note 4)
Collector-Emitter Saturation Voltage
VCE(SAT)
0.5
V
IC = 20mA, IB = 2mA
Base-Emitter Saturation Voltage
VBE(SAT)
0.9
V
IC = 20mA, IB = 2mA
25
IC = 1mA, VCE = 10V
40
IC = 10mA, VCE = 10V
DC Current Gain
hFE
40
IC = 30mA, VCE = 10V
SMALL SIGNAL CHARACTERISTICS
Transition Frequency
fT
50
MHz
IC = 10mA, VCE = 20V, f = 100MHz
Output Capacitance
Cobo
3
pF
VCB = 20V, f = 1MHz
Notes:
1.
No purposefully added lead.
2.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3.
Device mounted on FR-4 PCB, 1” x 0.85” x 0.052”; pad layout as shown on page 4 or in Diodes Inc. suggested pad layout document AP02001, which
can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
4.
Measured under pulsed conditions. Pulse Test: Pulse width = 300
μs, Duty Cycle ≤ 2%
SOT-223
TOP VIEW
Schematic and Pin Configuration
3
1
2,4
COLLECTOR
EMITTER
BASE
2
3
4
1
4
3
2
1
C
C
B
E


Numéro de pièce similaire - DZTA42

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DZTA42Q DIODES-DZTA42Q Datasheet
468Kb / 7P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
DZTA42Q-13 DIODES-DZTA42Q-13 Datasheet
468Kb / 7P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
DZTA42 DIODES-DZTA42_15 Datasheet
291Kb / 7P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
More results

Description similaire - DZTA42

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DCP68 DIODES-DCP68_15 Datasheet
197Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DCP55 DIODES-DCP55 Datasheet
361Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
2DD2150R DIODES-2DD2150R Datasheet
153Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DXT3150 DIODES-DXT3150 Datasheet
206Kb / 3P
   NPN SURFACE MOUNT TRANSISTOR
DCX54 DIODES-DCX54 Datasheet
229Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZT2222A DIODES-DZT2222A_15 Datasheet
242Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZT3150 DIODES-DZT3150 Datasheet
233Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DS30785 Rev. 3 - 2
DCP56 DIODES-DCP56 Datasheet
203Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZT491 DIODES-DZT491 Datasheet
259Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DXTA42 DIODES-DXTA42 Datasheet
155Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
2DD1621T DIODES-2DD1621T Datasheet
211Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com