Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB11817 Fiches technique(PDF) 7 Page - Sanyo Semicon Device

No de pièce LB11817
Description  Three-Phase Full-Wave Linear Drive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11817 Fiches technique(HTML) 7 Page - Sanyo Semicon Device

Back Button LB11817 Datasheet HTML 2Page - Sanyo Semicon Device LB11817 Datasheet HTML 3Page - Sanyo Semicon Device LB11817 Datasheet HTML 4Page - Sanyo Semicon Device LB11817 Datasheet HTML 5Page - Sanyo Semicon Device LB11817 Datasheet HTML 6Page - Sanyo Semicon Device LB11817 Datasheet HTML 7Page - Sanyo Semicon Device LB11817 Datasheet HTML 8Page - Sanyo Semicon Device LB11817 Datasheet HTML 9Page - Sanyo Semicon Device LB11817 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
No. 6213-7/10
LB11817
Pin No.
Symbol
Pin voltage
Function
Equivalent circuit
8
GND
Continued on next page.
4.2 to 6.5 V
9
VCC
• Supply voltage
This voltage must be stabilized so that
ripple and noise do not enter the IC.
VCC + 1.55 Vtyp
(Ip = –5 mA)
10
VP
• Boosted voltage output
Used as the output transistor pre-driver
power supply. This boosted voltage is
used when a low saturation output is
provided. In all other cases this pin will
be at the VCC potential.
11
RF
• Output current detection
An RF resistor inserted between this pin
and VCC converts the output current to the
voltage used for output current detection.
The current limiter circuit operates by
detecting the voltage on this pin.
12
15
D2
D1
VP
VCC
15
12
• Connections for the two diodes used by
the voltage boost function.
13
14
17
19
20
B2
B1
WOUT
VOUT
UOUT
• W-phase output
• V-phase output
• U-phase output
20
17
19
11
18
• Boost function switching circuit outputs 1
and 2
Continued from preceding page.
• Ground
This pin and pin 34 must all be
connected to the frame ground.
VCC
14
13
10
10
10
10


Numéro de pièce similaire - LB11817

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
LB11815AG-15-AA3 UTC-LB11815AG-15-AA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TA3 UTC-LB11815AG-15-TA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TN3 UTC-LB11815AG-15-TN3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TQ2 UTC-LB11815AG-15-TQ2 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-18-AA3 UTC-LB11815AG-18-AA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
More results

Description similaire - LB11817

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
PT-30DFX ETC1-PT-30DFX Datasheet
88Kb / 1P
   Single- Phase Full-Wave Linear Drive
logo
Sensitron
S6A305HE SENSITRON-S6A305HE Datasheet
44Kb / 2P
   THREE PHASE FULL WAVE
logo
Toshiba Semiconductor
TB67B054FTG TOSHIBA-TB67B054FTG Datasheet
460Kb / 27P
   Sine-wave PWM Drive Three-phase Full Wave Brushless Motor Controller
2017-10-31
TC78B041FNG TOSHIBA-TC78B041FNG Datasheet
664Kb / 44P
   Sine-wave PWM Drive Three-phase Full Wave Brushless Motor Controller
2019-4-12
TC78B002FTG TOSHIBA-TC78B002FTG Datasheet
765Kb / 27P
   Single-phase full-wave drive
logo
Sensitron
SL30340S7 SENSITRON-SL30340S7 Datasheet
282Kb / 4P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
SL30380 SENSITRON-SL30380 Datasheet
282Kb / 4P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S424CA SENSITRON-S424CA Datasheet
48Kb / 2P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S10A310FR SENSITRON-S10A310FR Datasheet
264Kb / 3P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S10A340FR SENSITRON-S10A340FR Datasheet
264Kb / 3P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com