Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA9240M Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce LA9240M
Description  Analog Signal Processor (ASP) for CD players
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA9240M Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  LA9240M Datasheet HTML 1Page - Sanyo Semicon Device LA9240M Datasheet HTML 2Page - Sanyo Semicon Device LA9240M Datasheet HTML 3Page - Sanyo Semicon Device LA9240M Datasheet HTML 4Page - Sanyo Semicon Device LA9240M Datasheet HTML 5Page - Sanyo Semicon Device LA9240M Datasheet HTML 6Page - Sanyo Semicon Device LA9240M Datasheet HTML 7Page - Sanyo Semicon Device LA9240M Datasheet HTML 8Page - Sanyo Semicon Device LA9240M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Operating Conditions at Pins 22, 45 = GND
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
5V
Operating supply voltage
VCC op
3.6 to 5.5
V
* Operating Supply Voltage at Limit of Operating Temperature at Pins 22, 45 = GND
Parameter
Symbol
Conditions
Ratings
Unit
Operating temperature
Topr2
–5 to +75
°C
Operating supply voltage
VCC op2
Set resistance R between DSP and
CLK interface to 5.1 k
3.4 to 5.5
V
Operating Characteristics at Ta = 25°C, Pins 22, 45 = GND, V
CC (pins 56, 64) = 5 V
Parameter
Symbol
Conditions
min
typ
max
Unit
Current drain
ICCO
VCC1 (pin 64) + VCC2 (pin 56)
22
32
42
mA
Reference voltage
VREF
VR
2.3
2.5
2.7
V
[Interface]
CE-Vth
CEvth
CE
0.8
V
CL-Vth
CLvth
CL
0.8
V
DAT-Vth
DATvth
DAT
0.8
V
Maximum CL frequency
CLmax
500
kHz
[RF amplifier]
RFSM no signal voltage
RFSMo
1.35
1.60
1.85
V
Minimum gain
RFSMGmin
FIN1, FIN2:1M
Ω-input, PH1=4V
freq = 200 kHz, RFSM
–14.0
–12.5
–11.0
dB
[Focus amplifier]
FDO gain
FDG
FIN2:1M
Ω-input, FDO
3.5
5.0
6.5
dB
FDO offset
FDost
Difference from reference voltage, servo on
–170
0
+170
mV
Off time offset
FDofost
Difference from reference voltage, servo off
–40
0
+40
mV
Offset adjustment step
FEstep
FE
3
mV
F search voltage H1
FSmax1
FDO, FSS = GND
0.8
V
F search voltage L1
FSmin1
FDO, FSS = GND
–0.8
V
F search voltage H2
FSmax2
FDO, FSS = VCC
0.8
V
F search voltage L2
FSmin2
FDO, FSS = VCC
0V
[Tracking amplifier]
TE gain MAX
TEGmax
f = 10 kHz, E: 1 M
Ω-input, PH1=4V
6.0
7.5
9.0
dB
TE gain MIN
TEGmin
f = 10 kHz, E: 1 M
Ω-input, PH1=1V
–0.5
+1.8
+4.0
dB
TE−3 dB
TEfc
E: 1 M
Ω-input
60
kHz
TO gain
TOG
TH
→ TO gain, THLD mode
4.0
6.0
8.0
dB
TGL offset
TGLost
Servo on, TGL = H, TO
–250
0
+250
mV
TGH offset
TGHost
TGL = L, difference from TGL offset, TO
–50
0
+50
mV
THLD offset
THLDost
THLD mode, difference from TGL offset, TO
–50
0
+50
mV
Off 1 offset
OFF1ost
TOFF = H
–50
0
+50
mV
Off 2 offset
OFF2ost
TOFF2 off (IF)
–50
0
+50
mV
Offset adjustment step
TEstep
TE
30
mV
Balance range H
BAL-H
∆ Gain E/F input, TB=5V, TBC= open
3.5
dB
Balance range L
BAL-L
∆ Gain E/F input, TB=0V, TBC= open
–3.5
dB
TOFF-VTH
TOFFvth
1.0
2.5
3.0
V
TGL-VTH
TGLvth
1.0
2.5
3.0
V
[PH]
No signal voltage
PHo
Difference from RFSM
–0.85
–0.65
–0.45
V
[BH]
No signal voltage
BHo
Difference from RFSM
0.45
0.65
0.85
V
[DRF]
Detection voltage
DRFvth
Difference from VR at RFSM
–0.60
–0.35
–0.20
V
Output voltage H
DRF-H
4.5
4.9
V
Output voltage L
DRF-L
0
+0.5
V
Continued on next page.
LA9240M
No.5482 - 2/20


Numéro de pièce similaire - LA9240M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA9241M SANYO-LA9241M Datasheet
279Kb / 21P
   Analog Signal Processor ASP for CD players
LA9242M SANYO-LA9242M Datasheet
150Kb / 20P
   Analog Signal Processor ASP for CD Players
LA9247T SANYO-LA9247T Datasheet
83Kb / 6P
   CD-ROM Digital Servo RF IC
More results

Description similaire - LA9240M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA9230M SANYO-LA9230M Datasheet
227Kb / 20P
   Analog Signal Processor ASP for CD players
LA9233M SANYO-LA9233M Datasheet
397Kb / 20P
   Analog Signal Processor ASP for CD players?
LA9241M SANYO-LA9241M Datasheet
279Kb / 21P
   Analog Signal Processor ASP for CD players
LA9211M SANYO-LA9211M Datasheet
97Kb / 1P
   ASP (Analog Signal Processor) for CD Players
LA9242M SANYO-LA9242M Datasheet
150Kb / 20P
   Analog Signal Processor ASP for CD Players
LA9220M SANYO-LA9220M Datasheet
413Kb / 21P
   Analog Signal Processing Circuit (ASP) for CD players
LA9210M SANYO-LA9210M Datasheet
284Kb / 14P
   Analog Signal Processor for CD Players
LA9251M SANYO-LA9251M Datasheet
152Kb / 17P
   CD Player Analog Signal Processor (ASP)
LA9250M SANYO-LA9250M Datasheet
152Kb / 17P
   CD Player Analog Signal Processor (ASP)
LV1605M SANYO-LV1605M Datasheet
246Kb / 24P
   Monolithic Linear IC Analog Signal Processor for CD Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com