Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA8519M Fiches technique(PDF) 11 Page - Sanyo Semicon Device

No de pièce LA8519M
Description  I/O Switch/Voice Signal-Processing IC for Cordless Telephones
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA8519M Fiches technique(HTML) 11 Page - Sanyo Semicon Device

Back Button LA8519M Datasheet HTML 7Page - Sanyo Semicon Device LA8519M Datasheet HTML 8Page - Sanyo Semicon Device LA8519M Datasheet HTML 9Page - Sanyo Semicon Device LA8519M Datasheet HTML 10Page - Sanyo Semicon Device LA8519M Datasheet HTML 11Page - Sanyo Semicon Device LA8519M Datasheet HTML 12Page - Sanyo Semicon Device LA8519M Datasheet HTML 13Page - Sanyo Semicon Device LA8519M Datasheet HTML 14Page - Sanyo Semicon Device LA8519M Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
No. 6471-11/29
LA8519M
Continued from preceding page.
Continued on next page.
Pin No.
Pin
Notes
Equivalent circuit
• Preamplifier output
11
12
PRE-OUT
PRE-NF
11
V
CC
12
V
REF
• VOX amplifier input
• VOX amplifier output
13
14
VOXA-IN
VOXA-OUT
13
V
CC
V
REF
300
14
• Internal reference voltage output
15
VREF
5 k
V
CC
15
2.25 V
• External power supply input. This voltage is
supplied to the signal-processing system and VSP
(pin 46).
17
VCC
4.7 k
4.7 k
V
CC
16
• VOX detection output. This circuit can also be
used as a waveform shaping circuit by forcibly
setting this pin to the high state.
16
VOX-RCT


Numéro de pièce similaire - LA8519M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA8510 SANYO-LA8510 Datasheet
138Kb / 6P
   Telephonic Speech Network
LA8515N SANYO-LA8515N Datasheet
134Kb / 6P
   Telephonic Speech Network?
LA8517M SANYO-LA8517M Datasheet
504Kb / 21P
   Audio Signal Processing Circuit for Cordless Telephone Base Set Applications
LA8518NM SANYO-LA8518NM Datasheet
560Kb / 31P
   Signal Processor for Cordless Telephone Base Sets
More results

Description similaire - LA8519M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA8638V SANYO-LA8638V Datasheet
399Kb / 16P
   Low-voltage Compander IC for Cordless Telephones
LA8520M SANYO-LA8520M Datasheet
1,002Kb / 17P
   Audio Signal-Processing IC with I/O Switching
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
   Cordless Telephones
logo
Sony Corporation
CXA1201M SONY-CXA1201M Datasheet
375Kb / 18P
   VCR IMAGE I/O SIGNAL PROCESSING
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
   Cordless Home Telephones
logo
CML Microcircuits
MX118 CMLMICRO-MX118 Datasheet
368Kb / 7P
   FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
logo
NXP Semiconductors
PCD5032 PHILIPS-PCD5032 Datasheet
136Kb / 24P
   ADPCM CODEC for digital cordless telephones
1997 Apr 03
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_14 Datasheet
255Kb / 6P
   Cordless Telephones PBX Modems
TLP222G TOSHIBA-TLP222G Datasheet
138Kb / 6P
   Cordless Telephones PBX Modems
logo
List of Unclassifed Man...
MX118P ETC1-MX118P Datasheet
362Kb / 7P
   FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com