Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA402A Fiches technique(PDF) 1 Page - Sanken electric

No de pièce STA402A
Description  PNP Darlington General purpose
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA402A Fiches technique(HTML) 1 Page - Sanken electric

  STA402A Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
162
Characteristic curves
IC-VCE Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
VCE(sat)-IB Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
θ j-a-PW Characteristics
PT-Ta Characteristics
Safe Operating Area (SOA)
(Ta=25
°C)
Symbol
Ratings
Unit
VCBO
–50
V
VCEO
–50
V
VEBO
–6V
IC
–4A
ICP
–8 (PW
≤10ms, Du≤50%)
A
4 (Ta=25
°C)
20 (Tc=25
°C)
Tj
150
°C
Tstg
–40 to +150
°C
(Ta=25
°C)
Symbol
Unit
Conditions
ICBO
–100
µAVCB=–50V
IEBO
–10
mA
VEB=–6V
VCEO
–50
V
IC=–10mA
hFE
1000
VCE=–4V, IC=–3A
VCE(sat)
–2.0
V
IC=–3A, IB=–10mA
ton
0.4
µsVCC –30V,
tstg
0.8
µsIC=–3A,
tf
0.6
µsIB1=–IB2=–10mA
Specification
min
typ
max
PT
W
STA402A
R1: 2k
Ω typ R2: 150Ω typ
1
R1
R2
2
3
4
5
6
7
8
9
10
–6
–5
–4
–3
–2
–1
0
0
–1
–2
–3
–4
–5
–6
–1.5mA
–1.2mA
–1.0mA
–0.8mA
VCE (V)
–1.8mA
10000
5000
1000
500
100
50
20
(VCE=–4V)
typ
–0.02
–0.05
–0.1
–0.5
–1
–4
IC (A)
10000
5000
1000
500
100
–0.02
IC (A)
(VCE=–4V)
50
20
–0.05 –0.1
–0.5
–1
–4
Ta
=125
°C
25
°C
–30
°C
–0.7
–2
–1
0
–4
IC (A)
Ta=–30°C
25°C
125°C
(IC / IB=500)
–1
–3
–2
–1
0
–0.5
–0.1
–5
–10
–50
IC=–4A
IC=–2A
IC=–1A
IB (mA)
–4
–3
–2
–1
0
0
–1
–2
–3
VBE (V)
(VCE=–4V)
20
10
5
10
0.5
1
5
10
50 100
500 1000
PW (mS)
–40
0
50
100
150
20
16
12
8.0
4.0
0
Ta (
°C)
24
With Silicone Grease
Natural Cooling
Heatsink: Aluminum
in mm
With Infinite Heatsink
100
×100×2
50
×50×2
25
×50×2
Without Heatsink
–10
–5
–1
–0.5
–0.1
–3
–5
–10
–50
VCE (V)
–0.05
–100
–0.03
Single Pulse
Without Heatsink
Ta=25
°C
PNP Darlington
General purpose
External dimensions D • • • STA (10-pin)
Absolute maximum ratings
sEquivalent circuit diagram
Electrical characteristics


Numéro de pièce similaire - STA402A

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
STA402A SANKEN-STA402A Datasheet
21Kb / 1P
   PNP Darlington General purpose
STA402A SANKEN-STA402A Datasheet
37Kb / 1P
   PNP Darlington General purpose
More results

Description similaire - STA402A

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
STA472A SANKEN-STA472A Datasheet
23Kb / 1P
   PNP Darlington General purpose
STA408A SANKEN-STA408A_06 Datasheet
37Kb / 1P
   PNP Darlington General purpose
SLA4070 SANKEN-SLA4070_06 Datasheet
36Kb / 1P
   PNP Darlington General purpose
SLA4070 SANKEN-SLA4070 Datasheet
22Kb / 1P
   PNP Darlington General purpose
STA308A SANKEN-STA308A Datasheet
20Kb / 1P
   PNP Darlington General purpose
SLA4070 SANKEN-SLA4070 Datasheet
36Kb / 1P
   PNP Darlington General purpose
SMA4020 SANKEN-SMA4020_01 Datasheet
35Kb / 1P
   PNP Darlington General purpose
SDA01 SANKEN-SDA01 Datasheet
20Kb / 1P
   PNP Darlington General purpose
SMA4030 SANKEN-SMA4030 Datasheet
22Kb / 1P
   PNP Darlington General purpose
STA402A SANKEN-STA402A Datasheet
21Kb / 1P
   PNP Darlington General purpose
STA472A SANKEN-STA472A_06 Datasheet
40Kb / 1P
   PNP Darlington General purpose
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com