Moteur de recherche de fiches techniques de composants électroniques |
|
BAS16 Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
BAS16 Fiches technique(HTML) 2 Page - Diodes Incorporated |
2 / 4 page BAS16 / MMBD4148 / MMBD914 Document number: DS12003 Rev. 22 - 2 2 of 4 www.diodes.com July 2009 © Diodes Incorporated BAS16 / MMBD4148 / MMBD914 400 T , AMBIENT TEMPERATURE (°C) Fig. 1 Power Derating Curve A 200 100 300 0 500 0 100 200 0.1 1 0.01 0.001 0 1.5 1.0 0.5 V , INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics F 0.1 1 10 100 1,000 10,000 0 20 40 60 80 100 V , INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 3 Typical Reverse Characteristics R 0.0 0.2 0.4 0.6 0.8 1.8 1.6 1.4 1.2 1.0 2.0 0 10 20 40 30 V , DC REVERSE VOLTAGE (V) Fig. 4 Total Capacitance vs. Reverse Voltage R Ordering Information (Note 5) Part Number Case Packaging BAS16-7-F SOT-23 3000/Tape & Reel MMBD4148-7-F SOT-23 3000/Tape & Reel MMBD914-7-F SOT-23 3000/Tape & Reel Notes: 5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. Marking Information Date Code Key Year 1998 1999 2000 2001 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 Code J K L M N P R S T U V W X Y Z Month Jan Feb Mar Apr May Jun Jul Aug Sep Oct Nov Dec Code 1 2 3 4 5 6 7 8 9 O N D KA2 = Product Type Marking Code YM = Date Code Marking Y = Year (ex: N = 2002) M = Month (ex: 9 = September) KA2 |
Numéro de pièce similaire - BAS16_09 |
|
Description similaire - BAS16_09 |