Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLA5059 Fiches technique(PDF) 1 Page - Sanken electric

No de pièce SLA5059
Description  N-channel P-channel 3-phase motor drive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA5059 Fiches technique(HTML) 1 Page - Sanken electric

  SLA5059_06 Datasheet HTML 1Page - Sanken electric SLA5059_06 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
82
N-ch
P-ch
N-ch
N-ch
P-ch
P-ch
N-ch
P-ch
ID-VDS Characteristics (Typical)
ID-VGS Characteristics (Typical)
RDS(ON)-ID Characteristics (Typical)
RDS(ON)-TC Characteristics (Typical)
Characteristic curves
8
6
2
4
0
02
4
6
8
10
VDS (V)
4.5V
4.0V
3.5V
VGS=3.0V
10V
0
6
8
02
6
410
VGS (V)
4
2
8
25
°C
Ta=40
°C
(VDS=10V)
125
°C
0.5
0.6
0.4
0.3
0.2
0.1
0
02
6
48
ID (A)
(Ta=25
°C)
VGS=4V
VGS=10V
–40
0.2
–25
50
25
0
100
125
75
150
0.4
0.3
0.6
0.5
0.8
0.7
Tc (
°C)
ID=2A
VGS=4V
0
–10
–8
–6
0
VDS (V)
–2
–6
–4
–8
–2
–4
–4.5V
–10V
–4.0V
–3.6V
–3.2V
VGS=–2.7V
0
0
–2
0.2
0.4
0.5
0.6
ID (A)
–4
–6
–8
0.3
0.1
(Ta=25
°C)
VGS= –4V
VGS= –10V
–40
0.2
0
0.4
0.6
0.7
0.8
Tc (
°C)
50
100
150
–25
25
75
125
0.5
0.3
ID= –2A
VGS=–10V
VGS (V)
0
–10
–4
–2
–6
–8
–8
–6
0
–2
–4
Tc= –40
°C
125
°C
25
°C
(VDS=–10V)
SLA5059
10
12
1
7
5
8
3
6
2
4
9
11
(Ta=25
°C)
Symbol
Unit
VDSS
60
–60
V
VGSS
±20
20
V
ID
4
–4A
ID(pulse)
8 (PW
≤1ms, Duty≤25%)
–8 (PW
≤1ms, Duty≤25%)
A
5 (Ta=25
°C, with all circuits operating, without heatsink)
W
30 (Tc=25
°C, with all circuits operating, with infinite heatsink)
W
θ j-a
25 (Junction-Air, Ta=25
°C, with all circuits operating)
°C/W
θ j-c
4.17 (Junction-Case, Tc=25
°C, with all circuits operating)
°C/W
Tch
150
°C
Tstg
–40 to +150
°C
PT
Ratings
N channel
P channel
N-channel + P-channel
3-phase motor drive
External dimensions
B • • • SLA (12-pin)
Absolute maximum ratings
sEquivalent circuit diagram


Numéro de pièce similaire - SLA5059_06

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SLA5059 SANKEN-SLA5059 Datasheet
28Kb / 2P
   N-channel P-channel 3-phase motor drive
SLA5059 SANKEN-SLA5059 Datasheet
48Kb / 2P
   N-channel P-channel 3-phase motor drive
More results

Description similaire - SLA5059_06

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SLA5009 SANKEN-SLA5009 Datasheet
31Kb / 2P
   N-channel P-channel 3-phase motor drive
SLA5064 SANKEN-SLA5064 Datasheet
52Kb / 2P
   N-channelP-channel 3-phase motor drive
SLA5017 SANKEN-SLA5017 Datasheet
31Kb / 2P
   N-channel P-channel 3-phase motor drive
SLA5060 SANKEN-SLA5060 Datasheet
48Kb / 2P
   N-channel P-channel 3-phase motor drive
SMA5127 SANKEN-SMA5127 Datasheet
30Kb / 2P
   N-channel P-channel 3-phase motor drive
SMA5127 SANKEN-SMA5127_01 Datasheet
45Kb / 2P
   N-channel P-channel 3-phase motor drive
SLA5059 SANKEN-SLA5059 Datasheet
48Kb / 2P
   N-channel P-channel 3-phase motor drive
SLA5064 SANKEN-SLA5064 Datasheet
52Kb / 2P
   N-channelP-channel 3-phase motor drive
logo
List of Unclassifed Man...
SLA5061 ETC1-SLA5061 Datasheet
48Kb / 2P
   N-channelP-channel 3-phase motor drive
logo
Sanken electric
SMA5104 SANKEN-SMA5104 Datasheet
31Kb / 2P
   N-channel P-channel 3-phase motor drive
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com