Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA7642N Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce LA7642N
Description  SECAM Format Color TV Chrominance Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7642N Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  LA7642N Datasheet HTML 1Page - Sanyo Semicon Device LA7642N Datasheet HTML 2Page - Sanyo Semicon Device LA7642N Datasheet HTML 3Page - Sanyo Semicon Device LA7642N Datasheet HTML 4Page - Sanyo Semicon Device LA7642N Datasheet HTML 5Page - Sanyo Semicon Device LA7642N Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
No. 5693-2/6
LA7642N
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Referenced to 4.286 MHz. For reference only.
EQU = off.
Input a 20 mV p-p, f = 4.286 MHz CW signal
Bell filter frequency characteristics
BEL4.086
to pin 14 and, measure the pin 16 output
–9
–6
–3
dB
4.086 MHz
(f = 4.286 MHz). Next, input a CW of
20 mV p-p, f = 4.086 MHz and measure the
pin 16 output (f = 4.086 MHz) and calculate
the frequency characteristics.
Referenced to 4.286 MHz. For reference only.
EQU = off.
Input a 20 mV p-p, f = 4.286 MHz CW signal
Bell filter frequency characteristics
BEL4.486
to pin 14 and, measure the pin 16 output
–5
–2
–0.5
dB
4.486 MHz
(f = 4.286 MHz). Next, input a CW of
20 mV p-p, f = 4.486 MHz and measure the
pin 16 output (f = 4.486 MHz) and calculate
the frequency characteristics.
Referenced to 4.286 MHz. For reference only.
EQU = on.
Input a 20 mV p-p, f = 4.286 MHz CW signal
EQU frequency characteristics
EQU4.086
to pin 14 and, measure the pin 16 output
–10.5
–7.5
–4.5
dB
4.086 MHz
(f = 4.286 MHz). Next, input a CW of
20 mV p-p, f = 4.086 MHz and measure the
pin 16 output (f = 4.086 MHz) and calculate
the frequency characteristics.
Referenced to 4.286 MHz. For reference only.
EQU = on.
Input a 20 mV p-p, f = 4.286 MHz CW signal
EQU frequency characteristics
EQU4.486
to pin 14 and measure the pin 16 output
–3
0
+3
dB
4.486 MHz
(f = 4.286 MHz). Next, input a CW of
20 mV p-p, f = 4.486 MHz and measure the
pin 16 output (f = 4.486 MHz) and calculate
the frequency characteristics.
Referenced to 4.35 MHz. For reference only.
EQU = off.
Input a 20 mV p-p CW signal to pin 14 and
Bell filter frequency deviation from
BELF0
modify the frequency of that signal. Measure
–50
0
+50
kHz
center frequency
the deviation from 4.35 MHz of the frequency
(the center frequency) for which the pin 16
output is maximized.
Referenced to 4.35 MHz. For reference only.
Bell filter gain difference at f0 ±500 kHz
BELdG
EQU = off.
–1
0
+1
dB
Measure the gain at the BELF0 ±500 kHz,
and calculate the difference.
[Chrominance Block]
Let 0 dB = 200 mV p-p. Input a color bar
signal to pin 14 and gradually lower the input
Killer operating point
KILL
signal level. Measure the input level at the
–42
–36
–33
dB
point the pin 13 DC voltage falls below 1/2*
VCC.
The pin 7 B-Y amplitude for a color bar signal.
B-Y output amplitude
VBY
Let 0 dB = 200 mV p-p. Input a color bar
0.60
0.75
0.90
Vp-p
signal (0 dB) to pin 14, and measure the B-Y
amplitude at pin 7.
The pin 6 R-Y amplitude for a color bar signal.
R-Y output amplitude
VRY
Let 0 dB = 200 mV p-p. Input a color bar
0.74
0.92
1.10
Vp-p
signal (0 dB) to pin 14, and measure the R-Y
amplitude at pin 6.
VRY/VBY. Calculate the ratio of the values
R-Y/B-Y output ratio
RATRB
measured above.
1.1
1.23
1.35
RATRB = VRY/VBY
Input a color bar signal (0 dB) to pin 14. In the
pin 7 (B-Y) output waveform measure the
amplitude of the blue (+230 kHz) and yellow
B-Y linearity
LINBY
(–230 kHz) components (A) and measure the
85
100
115
%
amplitude of the blue green (+78 kHz) and
red (–78 kHz) components (B). Calculate the
value of LINBY from the following formula.
LINBY = (A/B)
× (156/460) × 100 (%)
Continued from preceding page.
Continued on next page.


Numéro de pièce similaire - LA7642N

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA7640N SANYO-LA7640N Datasheet
123Kb / 5P
   Chroma Circuit for SECAM-system Color Television Sets
More results

Description similaire - LA7642N

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
AN5630N PANASONIC-AN5630N Datasheet
310Kb / 5P
   SECAM SYSTEM COLOR TV CHROMINANCE SIGNAL PROCESSING CIRCUIT
AN5635N PANASONIC-AN5635N Datasheet
257Kb / 4P
   CHROMINANCE SIGNAL PROCESSING ICS FOR SECAM SYSTEM COLOR TV
AN5622 PANASONIC-AN5622 Datasheet
344Kb / 6P
   PAL System Color TV Chrominance Signal Processing Circuit
logo
NTE Electronics
NTE7112 NTE-NTE7112 Datasheet
28Kb / 3P
   Integrated Circuit Color TV Video Signal/Chrominance Signal Processing Circuit
NTE1416 NTE-NTE1416 Datasheet
36Kb / 5P
   Integrated Circuit Chrominance and Luminance Processor for NTSC Color TV
logo
Sanyo Semicon Device
LA7337 SANYO-LA7337 Datasheet
123Kb / 7P
   SECAM-Format VCR Chroma Signal-Processing Circuit
logo
List of Unclassifed Man...
AN5310 ETC1-AN5310 Datasheet
168Kb / 5P
   Color TV Video and Chrominance Signal Processing Circuits
TCA640 ETC1-TCA640 Datasheet
331Kb / 8P
   CHROMINANCE AMPLIFIER FOR SECAM OR PAL / SECAM DECODERS
TCA650 ETC-TCA650 Datasheet
317Kb / 8P
   CHROMINANCE DEMODULATOR FOR SECAM OR PAL / SECAM DECODERS
logo
Panasonic Semiconductor
AN5612 PANASONIC-AN5612 Datasheet
331Kb / 3P
   Video Signal, Chrominance Signal Processing ICs for Color TV
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com