Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA7626 Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LA7626
Description  Video, Chroma and Deflection Circuit for Color Television Sets
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7626 Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LA7626 Datasheet HTML 1Page - Sanyo Semicon Device LA7626 Datasheet HTML 2Page - Sanyo Semicon Device LA7626 Datasheet HTML 3Page - Sanyo Semicon Device LA7626 Datasheet HTML 4Page - Sanyo Semicon Device LA7626 Datasheet HTML 5Page - Sanyo Semicon Device LA7626 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Continued from preceding page.
Parameter
Symbol
Conditions
min
typ
max
Unit
[Chroma Block]
ACC amplitude characteristics 1
ACC1
Input: +6 dB
–3
0
+3
dB
ACC amplitude characteristics 2
ACC2
Input :–20 dB
–7
+2
dB
ACC phase characteristics 1
ACCø1
Input: +6 dB
–3
+3
deg
ACC phase characteristics 2
ACCø2
Input: –20 dB
–7
+7
deg
Killer operating point
EK
–55
–46
–40
dB
Color control center
B-Ycen
Output B-Y: color VR 6 V
2.9
4.3
5.5
Vp-p
Maximum demodulation output
B-Ymax
Output B-Y: color VR 12 V
5.5
6.5
Vp-p
Color contrast variable range
∆ Gcont
Output B-Y
15.5
17.0
18.5
dB
Tint center
Tcen
Output B-Y: tint VR 6 V
–17
–5
+7
deg
Tint variable range
∆ T
Output B-Y
+45
–35
deg
APC pull-in range
∆ f APC
±300
Hz
Demodulation output ratio 1
R-Y/B-Y
0.81
0.90
0.98
Demodulation output ratio 2
G-Y/B-Y
0.24
0.30
0.38
Demodulation angle 1
∠R-Y/B-Y
Tint VR 6 V
96
104
112
deg
Demodulation angle 2
∠R-Y/B-Y
Tint VR 6 V
–132
–122
–112
deg
Color difference output DC
voltage
V9,10,11
6.7
7.2
7.7
V
Color difference output DC
deviation voltage
∆ V9,10,11
–200
+200
mV
LA7625, 7626
No.2289 - 3/6


Numéro de pièce similaire - LA7626

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA7620 SANYO-LA7620 Datasheet
136Kb / 3P
   Color TV Video, Chroma, Deflection Circuit
LA7621 SANYO-LA7621 Datasheet
136Kb / 3P
   Color TV Video, Chroma, Deflection Circuit
LA7629 SANYO-LA7629 Datasheet
184Kb / 4P
   Color TV/Video,Chroma,Deflection Circuit
More results

Description similaire - LA7626

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA7698AP TOSHIBA-TA7698AP Datasheet
1Mb / 36P
   VIDEO-CHROMA-DEFLECTION SYSTEM FOR A COLOR TELEVISION
logo
Sanyo Semicon Device
LA7640N SANYO-LA7640N Datasheet
123Kb / 5P
   Chroma Circuit for SECAM-system Color Television Sets
logo
Toshiba Semiconductor
TA8718N TOSHIBA-TA8718N Datasheet
446Kb / 43P
   VIDEO-CHROMA-DEFLECTION SYSTEM FOR A COLOR TELEVISION (PAL).
1990-10-24
logo
Samsung semiconductor
KA2154 SAMSUNG-KA2154 Datasheet
543Kb / 21P
   Video-Chroma Deflection system For A Color Television(PAL/NTSC)
logo
Sanyo Semicon Device
LA7620 SANYO-LA7620 Datasheet
136Kb / 3P
   Color TV Video, Chroma, Deflection Circuit
LA7629 SANYO-LA7629 Datasheet
184Kb / 4P
   Color TV/Video,Chroma,Deflection Circuit
logo
NTE Electronics
NTE7008 NTE-NTE7008 Datasheet
28Kb / 3P
   Integrated Circuit Color TV/Video, Chroma, Deflection Circuit
NTE1838 NTE-NTE1838 Datasheet
27Kb / 3P
   Integrated Circuit Color TV Video/Chroma/Deflection Circuit
NTE1547 NTE-NTE1547 Datasheet
43Kb / 6P
   Integrated Circuit Video Chroma Deflection System for Color TV
logo
Toshiba Semiconductor
TA8659N TOSHIBA-TA8659N Datasheet
1Mb / 64P
   MULTI-COLOR VIDEO-CHROMA-DEFLECTION
1990-4-18
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com