Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC2873 Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce 2SC2873
Description  Power Amplifier Applications Power Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2873 Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  2SC2873_04 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2873_04 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2873_04 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2873_04 Datasheet HTML 4Page - Toshiba Semiconductor 2SC2873_04 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC2873
2004-07-07
4
Collector-emitter voltage VCE (V)
Safe Operating Area
IC – VBE
Base-emitter voltage VBE (V)
Ambient temperature Ta (°C)
2.0
1.6
1.2
0.8
0.4
0
0
0.5
1.0
1.5
2.0
Common emitter
VCE = 2 V
Ta
= 100°C
−55
25
PC – Ta
0
0
0.8
0.2
0.4
0.6
20
40
60
80
100
120
140
160
1.2
1.0
(1)
(2)
(1) Mounted on a ceramic
substrate (250 mm
2 × 0.8 t)
(2) No heat sink
0.1
3
0.3
5
1
10
100
30
10
30
50
100
300
500
1000
3000
5000
DC operation
Ta
= 25°C
IC max (pulse)*
IC max (continuous)
10 ms*
VCEO max
100 ms*
1 S*
1 ms*
*: Single no repetitive pulse
Ta
= 25°C
Curves must be derated linearly
with increase in temperature
Tested without a substrate


Numéro de pièce similaire - 2SC2873_04

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
2SC2873-G COMCHIP-2SC2873-G Datasheet
175Kb / 4P
   General Purpose Transistor
logo
Guangdong Kexin Industr...
2SC2873-HF KEXIN-2SC2873-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
logo
Micro Commercial Compon...
2SC2873-O MCC-2SC2873-O Datasheet
299Kb / 4P
   NPN Silicon Epitaxial Transistors
logo
Guangdong Kexin Industr...
2SC2873-O KEXIN-2SC2873-O Datasheet
1Mb / 2P
   NPN Transistors
logo
Micro Commercial Compon...
2SC2873-O MCC-2SC2873-O Datasheet
315Kb / 4P
   NPN Silicon Epitaxial Transistors
More results

Description similaire - 2SC2873_04

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1926 TOSHIBA-2SA1926_10 Datasheet
107Kb / 3P
   Power Amplifier Applications Power Switching Applications
2SC4540 TOSHIBA-2SC4540_04 Datasheet
150Kb / 4P
   Power Amplifier Applications Power Switching Applications
logo
Unisonic Technologies
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
   POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1735 TOSHIBA-2SA1735_09 Datasheet
179Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SC4409 TOSHIBA-2SC4409_04 Datasheet
150Kb / 4P
   Power Amplifier Applications Power switching applications
2SA1681 TOSHIBA-2SA1681_07 Datasheet
162Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1213 TOSHIBA-2SA1213_07 Datasheet
169Kb / 5P
   Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com