Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVCE1G126FZ4 Fiches technique(PDF) 1 Page - Diodes Incorporated

No de pièce 74LVCE1G126FZ4
Description  SINGLE BUFFER GATE WITH 3-STATE OUTPUT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVCE1G126FZ4 Fiches technique(HTML) 1 Page - Diodes Incorporated

  74LVCE1G126FZ4 Datasheet HTML 1Page - Diodes Incorporated 74LVCE1G126FZ4 Datasheet HTML 2Page - Diodes Incorporated 74LVCE1G126FZ4 Datasheet HTML 3Page - Diodes Incorporated 74LVCE1G126FZ4 Datasheet HTML 4Page - Diodes Incorporated 74LVCE1G126FZ4 Datasheet HTML 5Page - Diodes Incorporated 74LVCE1G126FZ4 Datasheet HTML 6Page - Diodes Incorporated 74LVCE1G126FZ4 Datasheet HTML 7Page - Diodes Incorporated 74LVCE1G126FZ4 Datasheet HTML 8Page - Diodes Incorporated 74LVCE1G126FZ4 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
74LVCE1G126
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVCE1G126
Document number: DS32217 Rev. 2 - 2
1 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Description
The 74LVCE1G126 is a single non-inverting buffer/bus driver
with a 3-state output. The output enters a high impedance
state when a LOW-level is applied to the output enable (OE)
pin. The device is designed for operation with a power supply
range of 1.4V to 5.5V.
The inputs are tolerant to 5.5V
allowing this device to be used in a mixed voltage
environment. The device is fully specified for partial power
down applications using IOFF. The IOFF circuitry disables the
output preventing damaging current backflow when the device
is powered down.
Features
Extended Supply Voltage Range from 1.4 to 5.5V
Switching speed characterized for operation at 1.5V
Offers 30% speed improvement over LVC at 1.8V.
± 24mA Output Drive at 3.3V
CMOS low power consumption
IOFF Supports Partial-Power-Down Mode Operation
Inputs accept up to 5.5V
ESD Protection Tested per JESD 22
Exceeds 200-V Machine Model (A115-A)
Exceeds 2000-V Human Body Model (A114-A)
Latch-Up Exceeds 100mA per JESD 78, Class II
Range of Package Options
Direct Interface with TTL Levels
SOT25, SOT353 and DFN1410: Assembled with “Green”
Molding Compound (no Br, Sb)
Lead Free Finish/ RoHS Compliant (Note 1)
Pin Assignments
SOT25 / SOT353
GND
Y
Vcc
(Top View)
5
4
3
2
1
A
OE
2
3
(Top View)
DFN1410 (Note 2)
A
GND
Y
Vcc
NC
4
6
5
1
OE
Applications
Voltage Level Shifting
Bus Driver / Repeater
Power Down Signal Isolation
General Purpose Logic
Wide array of products such as.
o
PCs, networking, notebooks, netbooks, PDAs
o
Computer peripherals, hard drives, CD/DVD ROM
o
TV, DVD, DVR, set top box
o
Cell Phones, Personal Navigation / GPS
o
MP3 players ,Cameras, Video Recorders
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pin 2 and pin 5 of the DFN1410 package are internally connected.


Numéro de pièce similaire - 74LVCE1G126FZ4

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74LVCE1G125 DIODES-74LVCE1G125 Datasheet
287Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32216 Rev. 2 - 2
74LVCE1G125FZ4 DIODES-74LVCE1G125FZ4 Datasheet
287Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32216 Rev. 2 - 2
74LVCE1G125FZ4-7 DIODES-74LVCE1G125FZ4-7 Datasheet
287Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVCE1G125SE DIODES-74LVCE1G125SE Datasheet
287Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32216 Rev. 2 - 2
74LVCE1G125SE-7 DIODES-74LVCE1G125SE-7 Datasheet
287Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
More results

Description similaire - 74LVCE1G126FZ4

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74LVC1G125 DIODES-74LVC1G125 Datasheet
268Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32202 Rev. 2 - 2
74AHC1G125Q DIODES-74AHC1G125Q Datasheet
548Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
August 2020 Rev. 1 - 2
74LVC1G125Q DIODES-74LVC1G125Q Datasheet
544Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2020 Rev. 2 - 2
74AHC1G126Q DIODES-74AHC1G126Q Datasheet
730Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
March 2023 Rev. 2 - 2
74AHCT1G125 DIODES-74AHCT1G125 Datasheet
232Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G125 DIODES-74AHC1G125_11 Datasheet
206Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G126Q DIODES-74LVC1G126Q Datasheet
404Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2021 Rev. 3 - 2
74AUP1G126 DIODES-74AUP1G126 Datasheet
214Kb / 13P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G126W5-7 DIODES-74LVC1G126W5-7 Datasheet
199Kb / 12P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G126 DIODES-74AHC1G126_11 Datasheet
228Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com