Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVCE1G04 Fiches technique(PDF) 6 Page - Diodes Incorporated

No de pièce 74LVCE1G04
Description  SINGLE INVERTER GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVCE1G04 Fiches technique(HTML) 6 Page - Diodes Incorporated

Back Button 74LVCE1G04 Datasheet HTML 2Page - Diodes Incorporated 74LVCE1G04 Datasheet HTML 3Page - Diodes Incorporated 74LVCE1G04 Datasheet HTML 4Page - Diodes Incorporated 74LVCE1G04 Datasheet HTML 5Page - Diodes Incorporated 74LVCE1G04 Datasheet HTML 6Page - Diodes Incorporated 74LVCE1G04 Datasheet HTML 7Page - Diodes Incorporated 74LVCE1G04 Datasheet HTML 8Page - Diodes Incorporated 74LVCE1G04 Datasheet HTML 9Page - Diodes Incorporated 74LVCE1G04 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
74LVCE1G04
SINGLE INVERTER GATE
74LVCE1G04
Document number: DS32212 Rev. 2 - 2
6 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Switching Characteristics
Over recommended free-air temperature range, CL = 15pF (see Figure 1)
Parameter
From
(Input)
TO
(OUTPUT)
Vcc = 1.5 V
± 0.1V
Vcc = 1.8 V
± 0.15V
Vcc = 2.5 V
± 0.2V
Vcc = 3.3 V
± 0.3V
Vcc = 5 V
± 0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tpd
A
Y
2
6.4
1.4
4.4
0.8
3.3
0.5
2.7
0.5
2.7
ns
Over recommended free-air temperature range, CL = 30 or 50pF as noted (see Figure 2)
Parameter
From
(Input)
TO
(OUTPUT)
Vcc = 1.5 V
± 0.1V
Vcc = 1.8 V
± 0.15V
Vcc = 2.5 V
± 0.2V
Vcc = 3.3 V
± 0.3V
Vcc = 5 V
± 0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tpd
A
Y
3
7.5
2.1
5.2
1.1
4.1
0.8
3.4
0.9
3.3
ns
Operating Characteristics
TA = 25 ºC
Parameter
Test
Conditions
Vcc = 1.5 V Vcc = 1.8 V Vcc = 2.5 V
Vcc = 3.3 V
Vcc = 5 V
Unit
TYP
TYP
TYP
TYP
TYP
Cpd
Power
dissipation
capacitance
f = 10 MHz
16
16
18
18
20
pF


Numéro de pièce similaire - 74LVCE1G04

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74LVCE1G04FZ4 DIODES-74LVCE1G04FZ4 Datasheet
272Kb / 14P
   SINGLE INVERTER GATE
74LVCE1G04FZ4-7 DIODES-74LVCE1G04FZ4-7 Datasheet
272Kb / 14P
   SINGLE INVERTER GATE
74LVCE1G04SE DIODES-74LVCE1G04SE Datasheet
272Kb / 14P
   SINGLE INVERTER GATE
74LVCE1G04SE-7 DIODES-74LVCE1G04SE-7 Datasheet
272Kb / 14P
   SINGLE INVERTER GATE
74LVCE1G04W5 DIODES-74LVCE1G04W5 Datasheet
272Kb / 14P
   SINGLE INVERTER GATE
More results

Description similaire - 74LVCE1G04

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
[Old version datasheet]   Single Inverter Gate
logo
Unisonic Technologies
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
   SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04 DIODES-74LVC1G04 Datasheet
199Kb / 11P
   SINGLE INVERTER GATE
DS32198 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1GU04 TI-SN74AUC1GU04_10 Datasheet
445Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74AHC1G04 DIODES-74AHC1G04_11 Datasheet
180Kb / 8P
   SINGLE INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com