Moteur de recherche de fiches techniques de composants électroniques |
|
74LVC1G86SE Fiches technique(PDF) 3 Page - Diodes Incorporated |
|
74LVC1G86SE Fiches technique(HTML) 3 Page - Diodes Incorporated |
3 / 14 page 74LVC1G86 SINGLE 2 INPUT EXCLUSIVE OR GATE 74LVC1G86 Document number: DS32201 Rev. 2 - 2 3 of 14 www.diodes.com October 2010 © Diodes Incorporated Absolute Maximum Ratings (Note 3) Symbol Description Rating Unit ESD HBM Human Body Model ESD Protection 2 KV ESD MM Machine Model ESD Protection 200 V VCC Supply Voltage Range -0.5 to 6.5 V VI Input Voltage Range -0.5 to 6.5 V Vo Voltage applied to output in high impedance or IOFF state -0.5 to 6.5 V Vo Voltage applied to output in high or low state. -0.3 to VCC +0.5 V IIK Input Clamp Current VI<0 -50 mA IOK Output Clamp Current -50 mA IO Continuous output current ±50 mA Continuous current through Vdd or GND ±100 mA TJ Operating Junction Temperature -40 to 150 °C TSTG Storage Temperature -65 to 150 °C Notes: 3. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should be within recommend values. |
Numéro de pièce similaire - 74LVC1G86SE |
|
Description similaire - 74LVC1G86SE |