Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA6524 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LA6524
Description  4-output Power Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6524 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LA6524 Datasheet HTML 1Page - Sanyo Semicon Device LA6524 Datasheet HTML 2Page - Sanyo Semicon Device LA6524 Datasheet HTML 3Page - Sanyo Semicon Device LA6524 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4-output Power Driver
Overview
The LA6524 is a 4-output power driver developed for use in
consumer and industrial equipment.
Functions
.
Four buffer amp circuits on chip
.
High output current (Io max = 0.5 A)
.
Includes current limiter
.
Broad operating voltage range (±2 to +12 V)
.
Single power supply operation possible (4 to 24 V)
.
Thermal shutdown circuit built-in.
Package Dimensions
unit : mm
3046B-SIP10F
[LA6524]
SANYO : SIP10F
Specifications
Maximum Ratings at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC/VEE
±15
V
Input voltage
VIN
±14
V
Allowable power dissipation
Pd max
When using Al heat sink ( 50 x 50 x 1.5 mm
3 )
2.0
W
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Operating Characteristics at Ta=25 °C, VCC/VEE = ±10 V
Parameter
Symbol
Conditions
min
typ
max
Unit
Current drain with no load
ICC
10
30
mA
Input offset voltage
VIO
RS % 10 kΩ
27
mV
Input bias current
IB
50
500
nA
Input voltage range
VID
–9
+8
V
Maximum output voltage
VO
RL =33 Ω
±8
V
Slew rate
SR
RL =33 Ω ,R1=2.2 Ω ,
C1 = 0.1 µF
0.15
V/µs
Limiter current (built-in type)
ISC
0.5
A
Ordering number: EN 4981
Monolithic Linear IC
LA6524
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
51695HA(II) No.4981-1/4


Numéro de pièce similaire - LA6524

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA6520 SANYO-LA6520 Datasheet
34Kb / 2P
   3-Output Power Operational Amplifier
LA6523 SANYO-LA6523 Datasheet
219Kb / 5P
   3-Output Power Operational Amplifier
LA6525M SANYO-LA6525M Datasheet
113Kb / 5P
   Four-channel Bridge Driver for Compact Dise Players
LA6529M SANYO-LA6529M Datasheet
75Kb / 4P
   CD-ROM Drive Three-Channel Bridge BTL Driver
More results

Description similaire - LA6524

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS1112 ONSEMI-CS1112 Datasheet
93Kb / 12P
   Quad Power Output Driver
October, 2000 ??Rev. 10
logo
Fairchild Semiconductor
FAN8045G3 FAIRCHILD-FAN8045G3 Datasheet
237Kb / 16P
   4-CH Motor Driver (5 Input & 4 Output)
logo
NTE Electronics
NTE102 NTE-NTE102 Datasheet
24Kb / 2P
   Germanium Complementary Transistors Power Output, Driver
logo
Analog Devices
ADUM7234 AD-ADUM7234 Datasheet
273Kb / 12P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM7234 AD-ADUM7234_V01 Datasheet
217Kb / 12P
   Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
ADUM3223 AD-ADUM3223_V01 Datasheet
533Kb / 20P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. J
ADUM3224 AD-ADUM3224 Datasheet
561Kb / 19P
   Isolated Precision Half-Bridge Driver, 4 A Output
logo
List of Unclassifed Man...
AT5801 ETC1-AT5801 Datasheet
276Kb / 12P
   4-Channel driver Power Controller
logo
Monolithic Power System...
EV1541DJ-00A MPS-EV1541DJ-00A Datasheet
272Kb / 5P
   4 Output DSL Power Supply
logo
Sanyo Semicon Device
LA6540M SANYO-LA6540M Datasheet
76Kb / 4P
   4-output Power Operational Amplifier
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com