Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA6520 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LA6520
Description  3-Output Power Operational Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6520 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LA6520 Datasheet HTML 1Page - Sanyo Semicon Device LA6520 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3-Output Power Operational Amplifier
Overview
The LA6520 is a 3-output power OP amp designed for use in
consumer, industrial applications.
Features
.
High output current (Io = 0.5 A)
.
High gain
.
With current limiter
.
Wide operating voltage range (
±2to ±18 V)
.
Capable of being operated from single supply (4 to 36V)
.
On-chip thermal shutdown
Package Dimensions
unit : mm
3022A-DIP12F
[LA6520]
SANYO : DIP12F
Specification
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC/VEE
±18
V
Differential input voltage
VIDIf
30
V
Common-mode input voltage
VICOM
±15
V
Allowable power dissipation
Pd max
1.9
W
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–55 to +150
°C
Operating Characteristics at Ta = 25°C, V
CC/VEE = ± 15 V
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current dissipation
ICCO
20
mA
Input offset voltage
VIO
Rs
% 10 k
2mV
Input offset current
IIO
10
nA
Input bias current
IB
50
nA
Common-mode input voltage
range
VICM
–15
+13
V
Common-mode rejection
CMR
80
dB
Maximum output voltage
Vo
RL =33 Ω±12
V
Voltage gain
VGO
85
dB
Slew rate
SR
GV =0,RL =33 Ω,R=10 Ω, L = 0.1 µF
0.15
V/µs
Supply voltage rejection
SVR
30
µV/V
Limiting current (On-chip limiter)
ISC
0.5
A
Ordering number: EN2621A
Monolithic Linear IC
LA6520
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
32896HA(II)/7297TA,TS No.2621-1/2


Numéro de pièce similaire - LA6520

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA6523 SANYO-LA6523 Datasheet
219Kb / 5P
   3-Output Power Operational Amplifier
LA6524 SANYO-LA6524 Datasheet
74Kb / 4P
   4-output Power Driver
LA6525M SANYO-LA6525M Datasheet
113Kb / 5P
   Four-channel Bridge Driver for Compact Dise Players
LA6529M SANYO-LA6529M Datasheet
75Kb / 4P
   CD-ROM Drive Three-Channel Bridge BTL Driver
More results

Description similaire - LA6520

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA6523 SANYO-LA6523 Datasheet
219Kb / 5P
   3-Output Power Operational Amplifier
LA6517 SANYO-LA6517 Datasheet
120Kb / 5P
   2-Output Power Operational Amplifier
LA6540M SANYO-LA6540M Datasheet
76Kb / 4P
   4-output Power Operational Amplifier
logo
Texas Instruments
TLE2301 TI-TLE2301_15 Datasheet
320Kb / 23P
[Old version datasheet]   EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
TLE2301 TI-TLE2301 Datasheet
324Kb / 22P
[Old version datasheet]   EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM8922A SGMICRO-SGM8922A Datasheet
324Kb / 10P
   Output Operational Amplifier
SGM8922A SGMICRO-SGM8922A_16 Datasheet
328Kb / 10P
   Output Operational Amplifier
logo
ON Semiconductor
NCS20071 ONSEMI-NCS20071_V01 Datasheet
1Mb / 30P
   Operational Amplifier, Railto-Rail Output, 3 MHz BW
September, 2018 - Rev. 14
logo
SG Micro Corp
SGM8048 SGMICRO-SGM8048 Datasheet
338Kb / 10P
   Input/Output Operational Amplifier
SGM8046 SGMICRO-SGM8046 Datasheet
340Kb / 10P
   Input/Output Operational Amplifier
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com