Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPS20L25CG Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STPS20L25CG
Description  LOW DROP POWER SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L25CG Fiches technique(HTML) 2 Page - STMicroelectronics

  STPS20L25CG Datasheet HTML 1Page - STMicroelectronics STPS20L25CG Datasheet HTML 2Page - STMicroelectronics STPS20L25CG Datasheet HTML 3Page - STMicroelectronics STPS20L25CG Datasheet HTML 4Page - STMicroelectronics STPS20L25CG Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STPS20L25CT/CG
2/5
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
Per diode
1.5
°C/W
Total
0.8
Rth (c)
Coupling
0.1
THERMAL RESISTANCES
Symbol
Tests conditions
Tests conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25
°CVR =VRRM
800
µA
Tj = 125
°C
125
250
mA
VF *
Forward voltage drop
Tj = 25
°CIF = 10 A
0.46
V
Tj = 125
°CIF = 10 A
0.30
0.35
Tj=25
°CIF = 20 A
0.56
Tj = 125
°CIF = 20 A
0.41
0.48
STATIC ELECTRICAL CHARACTERISTICS (per diode)
Pulse test:
* tp = 380 µs,
δ <2%
To evaluate the maximum conduction losses use the following equation :
P=0.22xIF(AV) + 0.013 IF
2
(RMS)
01
23456789
10
11
0
1
2
3
4
5
IF(av) (A)
PF(av)(W)
T
δ=tp/T
tp
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
Fig. 1: Average forward power dissipation versus
average forward current.
0
25
50
75
100
125
150
0
2
4
6
8
10
12
IF(av)(A)
Rth(j-a)=50°C/W
Rth(j-a)=Rth(j-c)
Tamb(°C)
T
δ=tp/T
tp
Fig. 2: Average forward current versus ambient
temperature (
δ = 0.5).
When the diodes 1 and 2 are used simultaneously :
∆ Tj(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM
Fig. 4: Normalized avalanche power derating
versus junction temperature.
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
Fig. 3: Normalized avalanche power derating
versus pulse duration.


Numéro de pièce similaire - STPS20L25CG

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STPS20L25CG STMICROELECTRONICS-STPS20L25CG Datasheet
94Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS20L25CG-TR STMICROELECTRONICS-STPS20L25CG-TR Datasheet
94Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
More results

Description similaire - STPS20L25CG

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 4A
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS80L30CY STMICROELECTRONICS-STPS80L30CY Datasheet
24Kb / 3P
   LOW DROP POWER SCHOTTKY RECTIFIER
1N5817 STMICROELECTRONICS-1N5817 Datasheet
107Kb / 7P
   Low drop power Schottky rectifier
STPS5L25B-TR STMICROELECTRONICS-STPS5L25B-TR Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
   Low drop power Schottky rectifier
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com