Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


LA4906 Datasheet(Fiches technique) 4 Page - Sanyo Semicon Device

Numéro de pièce LA4906
Description  17-W, 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems
Télécharger  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  http://www.ssdc-jp.com/eng/
Logo 

 
 4 page
background image
Equivalent Circuit Block Diagram
No. 5714-4/10
LA4906
Pin Voltages (At VCC = 13.2 V, with 5 V applied to STBY through a 10 kΩ resistor, using a digital voltmeter)
Pin No.
1
2
3
4
5
6
7
8
Pin
IN2
Pre - GND
IN1
BEEP
PWR - GND 1
–OUT1
+OUT1
C
Pin voltage (V)
1.36
0
1.36
1.36
0
2.03
2.03
13.0
Pin No.
9
10
11
12
13
14
15
16
Pin
C
VCC
VCC (SW)
SW OUT1
SW OUT2
SW E
SE B
SW - GND
Pin voltage (V)
3.92
13.2
13.2
3.70
3.70
3.73
4.0
0
Pin No.
17
18
19
20
21
22
23
Pin
+OUT2
–OUT2
PWR - GND2
D. C
STAND-BY
DDL OUT
ON-TIME
Pin voltage (V)
2.03
2.03
0
12.1
3.21
0
2.81
Standby
switch
Switching
regulator
block
Switch
driver
Standby switch
Ripple filter
(Tokin Co. Ltd.)
(OS capacitor)
* = Polyester film capacitors
D1
SB40-05J
Flywheel diode
Amplifier output stage
Input amplifier
Input amplifier
Nonlinear amplifier/output stage
Nonlinear amplifier/output stage
TR1
Switching transistor
2SD1668, class S
Muting circuit used
at power on
Popping noise
prevention circuit
Power supply/ground shorting
protection circuit
Overvoltage/thermal
protection circuit
Beep amplifier
*
*
4 to 2
4 to 2




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
LA490517-W 2-Channel BTL AF High-Efficiency Power Amplifier for Car Stereo Systems 1 2 3 4 5 MoreSanyo Semicon Device
LA4636For General Audio Use 11 W 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device
LA470515 W 2-channel BTL AF Power Amplifier for Car Stereos 1 2 3 4 5 MoreSanyo Semicon Device
LA470820 W 2-channel BTL AF Power Amplifier for Car Stereos 1 2 3 4 5 MoreSanyo Semicon Device
LA47252-Channel BTL Power Amplifier 30 W+30 W with Standby Switch for Car Stereos 1 2 3 Sanyo Semicon Device
LA47282-Channel BTL Power Amplifier 35 W+35 W with Standby Switch for Car Stereos 1 2 3 Sanyo Semicon Device
LA4635AFor General Audio Use 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device
AN7199ZDual 20 W BTL power IC for car audio 1 2 3 4 5 MorePanasonic Semiconductor
NTE1390Integrated Circuit Audio Power Amplifier 12W for Car Radio or Car Stereo 1 2 3 NTE Electronics
NTE1802Integrated Circuit Power Amplifier for Car Stereo Radio 12W/Ch or 24W BTL 1 2 3 4 NTE Electronics

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl