Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


LA4906 Datasheet(Fiches technique) 3 Page - Sanyo Semicon Device

Numéro de pièce LA4906
Description  17-W, 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems
Télécharger  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  http://www.ssdc-jp.com/eng/
Logo 

 
 3 page
background image
No. 5714-3/10
LA4906
Technologies for Increased Efficiency Used in the LA4906
• Nonlinear amplifier
The LA4906 adopts a nonlinear amplifier, which has the nonlinear
characteristics shown in Figure 2, in the signal system. The LA4906
dispenses with the lower side switching regulator by using a low 2 V
as the midpoint voltage instead of the 1/2 VCC used in normal
amplifiers.
This nonlinear amplifier is basically formed from a differential
amplifier that has a symmetrical negative feedback circuit. Although
the BTL output stage positive and reverse phase output waveforms
have a half-wave waveform that, when referenced to ground, is
expanded and compressed as shown in Figure 3, the combined
output waveform at the load terminals is identical to that of earlier
products.
• Signal-following switching technique
The LA4906 uses a switching regulator for the power supply for the
amplifier output stage. The LA4906 significantly reduces power
dissipation by having the switching regulator output voltage follow
the signal. Also, the LA4906 restricts the number of switching
regulators required to just one circuit even though it implements a
BTL 2-channel amplifier by using the switching regulator in
combination with the nonlinear amplifier described below. (See
Figure 1.)
Figure 1 Overview Block Diagram
Figure 2 Nonlinear Amplifier
Input/Output Characteristics
Figure 3 Output Waveforms
Figure 4
RL = 4
f = 1 kHz
Rg = 600
With both channels
driven.
Calculated at Pd =
VCC
× ICC – 2 PO
Regulator
output
Amplifier
output
stage
Nonlinear
amplifier
Loss in the output
transistor
Regulator output (point C)
Regulator output (point C)
Positive phase
output (point A)
Center point
Ground
Reverse phase
output (point B)
Center point
Ground
Waveform between
the outputs
(Between A and B)
Output power, PO – W
High-efficiency
LA4906
Earlier SANYO
products (class
B amplifiers)




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
LA490517-W 2-Channel BTL AF High-Efficiency Power Amplifier for Car Stereo Systems 1 2 3 4 5 MoreSanyo Semicon Device
LA4636For General Audio Use 11 W 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device
LA470515 W 2-channel BTL AF Power Amplifier for Car Stereos 1 2 3 4 5 MoreSanyo Semicon Device
LA470820 W 2-channel BTL AF Power Amplifier for Car Stereos 1 2 3 4 5 MoreSanyo Semicon Device
LA47252-Channel BTL Power Amplifier 30 W+30 W with Standby Switch for Car Stereos 1 2 3 Sanyo Semicon Device
LA47282-Channel BTL Power Amplifier 35 W+35 W with Standby Switch for Car Stereos 1 2 3 Sanyo Semicon Device
LA4635AFor General Audio Use 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device
AN7199ZDual 20 W BTL power IC for car audio 1 2 3 4 5 MorePanasonic Semiconductor
NTE1390Integrated Circuit Audio Power Amplifier 12W for Car Radio or Car Stereo 1 2 3 NTE Electronics
NTE1802Integrated Circuit Power Amplifier for Car Stereo Radio 12W/Ch or 24W BTL 1 2 3 4 NTE Electronics

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl