Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


LA4905 Datasheet(Fiches technique) 1 Page - Sanyo Semicon Device

Numéro de pièce LA4905
Description  17-W, 2-Channel BTL AF High-Efficiency Power Amplifier for Car Stereo Systems
Télécharger  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  http://www.ssdc-jp.com/eng/
Logo 

 
 1 page
background image
Overview
The LA4905 is a BTL 2-channel power amplifier IC for
use in car audio systems. Increases in the number of
external components are held to a minimum by adopting
both a signal-following type switching scheme in the
amplifier’s output stage power supply, and a newly-
developed nonlinear amplifier that has nonlinear
characteristics in the signal system. The power dissipation
(thermal loss) in the actual operating range has been
reduced to about 1/2 that of earlier class B amplifier ICs.
This contributes significantly to miniaturization of the heat
sink and to reduction of heating within the set.
Features
• Power dissipation reduced by 50% (When average
music power is measured, and when compared to earlier
Sanyo products.)
• The number of required signal follower circuits has been
reduced to a single circuit for two channels, allowing the
number of external components to be reduced.
• The output is a pure analog signal: no switching noise is
output to the output lines.
• Operates on an 8 to 18-V single-voltage power supply.
• Full complement of built-in protection circuits (shorting
to the power supply, shorting to ground, overvoltage,
and thermal protection)
• Built-in standby switch
Package Dimensions
unit: mm
3160-SIP23HZ
Monolithic Linear IC
Ordering number : EN5504
83096HA (OT) No. 5504-1/10
SANYO: SIP23HZ
[LC4905]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
17-W, 2-Channel BTL AF High-Efficiency
Power Amplifier for Car Stereo Systems
LA4905
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max1
No input, t = 1 minute
24
V
VCC max2
18
V
Maximum output current
IO Peak
(Per channel)
4.5
A
Allowable power dissipation
Pd max
With an arbitrarily large heat sink
37.5
W
Operating temperature
Topr
–35 to +85
°C
Storage temperature
Tstg
–40 to +150
°C
Specifications
Maximum Ratings at Ta = 25°C
Notes: 1. Set VCC and RL in the range where Pd max does not exceed 37.5 W.
2. The overvoltage protection circuit operates when VCC is 20 V or higher.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
LA490617-W 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems 1 2 3 4 5 MoreSanyo Semicon Device
NTE1802Integrated Circuit Power Amplifier for Car Stereo Radio 12W/Ch or 24W BTL 1 2 3 4 NTE Electronics
LA470515 W 2-channel BTL AF Power Amplifier for Car Stereos 1 2 3 4 5 MoreSanyo Semicon Device
LA470820 W 2-channel BTL AF Power Amplifier for Car Stereos 1 2 3 4 5 MoreSanyo Semicon Device
LA47252-Channel BTL Power Amplifier 30 W+30 W with Standby Switch for Car Stereos 1 2 3 Sanyo Semicon Device
LA47282-Channel BTL Power Amplifier 35 W+35 W with Standby Switch for Car Stereos 1 2 3 Sanyo Semicon Device
NTE1390Integrated Circuit Audio Power Amplifier 12W for Car Radio or Car Stereo 1 2 3 NTE Electronics
TDA8566TH2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
LA4636For General Audio Use 11 W 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl