Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


LA4728 Datasheet(Fiches technique) 3 Page - Sanyo Semicon Device

Numéro de pièce LA4728
Description  2-Channel BTL Power Amplifier 35 W35 W with Standby Switch for Car Stereos
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  http://www.ssdc-jp.com/eng/
Logo 

   
 3 page
background image
LA4728
No.5716-3/3
Block Diagram and Sample Application Circuit
No products described or contained herein are intended for use in surgical implants, life-support systems,
aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and
the like, the failure of which may directly or indirectly cause injury, death or property lose.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates,
subsidiaries and distributors and all their officers and employees, jointly and severally, against any
and all claims and litigation and all damages, cost and expenses associated with such use:
Not impose any responsibilty for any fault or negligence which may be cited in any such claim or
litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of
their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guarant-
eed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees
are made or implied regarding its use or any infringements of intellectual property rights or other rights of
third parties.
This catalog provides information as of March, 1997. Specifications and information herein are subject to
change without notice.
1
2
4
3
11
+
+
+
IN
Predriver
Power
13
+
12
Predriver
Power
C6
C5
VCC
2200
µF
0.1
µF
C7 0.1
µF
R2
2.2
R3
2.2
OUT1
OUT1
RL
4
Load short
protector
(Polyester film
capacitor)
Overvoltage/
surge protector
Output pin-to-GND
short protector
Output pin-to-VCC
short protector
Thermal
shutdown
Standby
SW
BIAS
circuit
Ripple
filter
Pop noise
prevention
circuit
VCC
6
5
8
+
IN
Predriver
Power
9
+
10
Predriver
Power
C8 0.1
µF
C9 0.1
µF
R4
2.2
R5
2.2
OUT2
OUT2
RL
4
**
**
**
**
**
Load short
protector
Power
GND2
Output pin-to-GND
short protector
Output pin-to-VCC
short protector
+
7
14
C1
2.2
µF/6V
IN2
C4
2.2
µF/6V
R1
10k
ON
OFF
+5V
33
µF/6V
0.47
µF/6V
C3
C10
100
µF/16V
A07431




Html Pages

1  2  3 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
LA47252-Channel BTL Power Amplifier 30 W+30 W with Standby Switch for Car Stereos 1 2 3 Sanyo Semicon Device
LA470515 W 2-channel BTL AF Power Amplifier for Car Stereos 1 2 3 4 5 MoreSanyo Semicon Device
LA470820 W 2-channel BTL AF Power Amplifier for Car Stereos 1 2 3 4 5 MoreSanyo Semicon Device
LA4700N2-Channel 12W AF Power Amplifier for Car Stereos 1 2 3 4 5 Sanyo Semicon Device
LA490517-W 2-Channel BTL AF High-Efficiency Power Amplifier for Car Stereo Systems 1 2 3 4 5 MoreSanyo Semicon Device
LA474142W 4-Channel BTL Power Amplifier for Car Stereos 1 2 3 Sanyo Semicon Device
LA490617-W 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems 1 2 3 4 5 MoreSanyo Semicon Device
TDA1553CQ2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch 1 2 3 4 5 MoreNXP Semiconductors
NTE1802Integrated Circuit Power Amplifier for Car Stereo Radio 12W/Ch or 24W BTL 1 2 3 4 NTE Electronics
TDA8566TH2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl