Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


LA4708 Datasheet(Fiches technique) 3 Page - Sanyo Semicon Device

Numéro de pièce LA4708
Description  20 W 2-channel BTL AF Power Amplifier for Car Stereos
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  http://www.ssdc-jp.com/eng/
Logo 

   
 3 page
background image
Equivalent Circuit Block Diagram
Each Pin Voltage
VCC = 13.2 V, 5 V applied through STBY = 10 kΩ,RL =4 Ω,Rg=0
Pin No.
123456
Name
IN1
DC
Pre-GND
STBY
ON TIME
Pin voltage (V)
0.29
1.58
6.55
0
3.2
2.28
Pin No.
7
8
9
10
11
12
Name
IN2
POP
N.C
VCC2
–OUT 2
Pin voltage (V)
1.58
2.08
0.29
0
13.2
6.5
Pin No.
13
14
15
16
17
18
Name
PWR–GND 2
+OUT 2
+OUT 1
PWR–GND 1
–OUT 1
VCC1
Pin voltage (V)
0
6.5
6.5
0
6.5
13.2
Pins 1,9 : Don’t use
Pin 10 : No connection
--
--
LA4708
No.5245 -3/9




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
LA470515 W 2-channel BTL AF Power Amplifier for Car Stereos 1 2 3 4 5 MoreSanyo Semicon Device
LA47252-Channel BTL Power Amplifier 30 W+30 W with Standby Switch for Car Stereos 1 2 3 Sanyo Semicon Device
LA47282-Channel BTL Power Amplifier 35 W+35 W with Standby Switch for Car Stereos 1 2 3 Sanyo Semicon Device
LA4700N2-Channel 12W AF Power Amplifier for Car Stereos 1 2 3 4 5 Sanyo Semicon Device
LA490517-W 2-Channel BTL AF High-Efficiency Power Amplifier for Car Stereo Systems 1 2 3 4 5 MoreSanyo Semicon Device
LA474142W 4-Channel BTL Power Amplifier for Car Stereos 1 2 3 Sanyo Semicon Device
LA490617-W 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems 1 2 3 4 5 MoreSanyo Semicon Device
NTE1802Integrated Circuit Power Amplifier for Car Stereo Radio 12W/Ch or 24W BTL 1 2 3 4 NTE Electronics
LA4636For General Audio Use 11 W 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device
LA44225.8W typ AF Power Amplifier for Car Stereos Car Radios 1 2 3 4 5 MoreSanyo Semicon Device

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl