Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


LA4705 Datasheet(Fiches technique) 5 Page - Sanyo Semicon Device

Numéro de pièce LA4705
Description  15 W 2-channel BTL AF Power Amplifier for Car Stereos
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  http://www.ssdc-jp.com/eng/
Logo 

   
 5 page
background image
Supply voltage, VCC –V
Input level, VIN – Vrms
Supply voltage, VCC –V
Output power, PO –W
Output power, PO –W
Output power, PO –W
Input frequency,f–Hz
Input frequency,f–Hz
0dBm=VG40dB
PO –VIN
PO –VCC
PO –VCC
THD–PO
THD–PO
THD–PO
THD – f
f Response
LA4705
No.3848 -5/8




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
LA470820 W 2-channel BTL AF Power Amplifier for Car Stereos 1 2 3 4 5 MoreSanyo Semicon Device
LA47252-Channel BTL Power Amplifier 30 W+30 W with Standby Switch for Car Stereos 1 2 3 Sanyo Semicon Device
LA47282-Channel BTL Power Amplifier 35 W+35 W with Standby Switch for Car Stereos 1 2 3 Sanyo Semicon Device
LA4700N2-Channel 12W AF Power Amplifier for Car Stereos 1 2 3 4 5 Sanyo Semicon Device
LA490517-W 2-Channel BTL AF High-Efficiency Power Amplifier for Car Stereo Systems 1 2 3 4 5 MoreSanyo Semicon Device
LA474142W 4-Channel BTL Power Amplifier for Car Stereos 1 2 3 Sanyo Semicon Device
LA490617-W 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems 1 2 3 4 5 MoreSanyo Semicon Device
NTE1802Integrated Circuit Power Amplifier for Car Stereo Radio 12W/Ch or 24W BTL 1 2 3 4 NTE Electronics
LA4636For General Audio Use 11 W 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device
LA44225.8W typ AF Power Amplifier for Car Stereos Car Radios 1 2 3 4 5 MoreSanyo Semicon Device

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl