Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA4705 Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce LA4705
Description  15 W 2-channel BTL AF Power Amplifier for Car Stereos
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4705 Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  LA4705 Datasheet HTML 1Page - Sanyo Semicon Device LA4705 Datasheet HTML 2Page - Sanyo Semicon Device LA4705 Datasheet HTML 3Page - Sanyo Semicon Device LA4705 Datasheet HTML 4Page - Sanyo Semicon Device LA4705 Datasheet HTML 5Page - Sanyo Semicon Device LA4705 Datasheet HTML 6Page - Sanyo Semicon Device LA4705 Datasheet HTML 7Page - Sanyo Semicon Device LA4705 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Sample Print Pattern
Description of External Components
C1, C4
Input capacitors
2.2 µF is recommended. fL can be varied by C1, C4 capacitances to adjust the
bass range.
C2
Decoupling capacitor
(ripple filter)
C3
Amplifier on time setting
capacitor
Approximately 0.6 to 0.7 second for 33 µF. Since the on time is proportional to
this capacitance, it can be set as desired by varying this capacitance. The
amplifier can implement mute operation by setting C3 to GND potential.
C5
Power supply capacitor
C6, C7, C8, C9
Oscillation blocking capacitors
Use polyester film capacitors (Mylar capacitors) with good temperature
characteristics. (R2, R3, R4, and R5 used jointly.) Since stability may be
affected slightly by the pattern layout, etc., 0.1 µF or more is recommended.
R1
Standby switch current limiting
resistor
10 k
Ω is recommended. This resistor cannot be removed.
Copper foil area 90
× 105 mm2
LA4705
No.3848 -4/8


Numéro de pièce similaire - LA4705

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4700 SANYO-LA4700 Datasheet
137Kb / 5P
   2-Channel 12W AF Power Amplifier for Car Stereos
LA4700N SANYO-LA4700N Datasheet
137Kb / 5P
   2-Channel 12W AF Power Amplifier for Car Stereos
LA4708 SANYO-LA4708 Datasheet
204Kb / 9P
   20 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4708N SANYO-LA4708N Datasheet
203Kb / 9P
   Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
logo
ON Semiconductor
LA4708N ONSEMI-LA4708N Datasheet
133Kb / 9P
   20W 2-channel BTL AF Power Amplifier for Car Stereo
March, 2014
More results

Description similaire - LA4705

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4708 SANYO-LA4708 Datasheet
204Kb / 9P
   20 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4708N SANYO-LA4708N Datasheet
203Kb / 9P
   Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
LA4700N SANYO-LA4700N Datasheet
137Kb / 5P
   2-Channel 12W AF Power Amplifier for Car Stereos
LA4725 SANYO-LA4725 Datasheet
44Kb / 3P
   2-Channel BTL Power Amplifier 30 W30 W with Standby Switch for Car Stereos
LA4728 SANYO-LA4728 Datasheet
44Kb / 3P
   2-Channel BTL Power Amplifier 35 W35 W with Standby Switch for Car Stereos
LA4741 SANYO-LA4741 Datasheet
110Kb / 3P
   42W 4-Channel BTL Power Amplifier for Car Stereos
logo
ON Semiconductor
LA4708N ONSEMI-LA4708N Datasheet
133Kb / 9P
   20W 2-channel BTL AF Power Amplifier for Car Stereo
March, 2014
logo
Sanyo Semicon Device
LA4422 SANYO-LA4422 Datasheet
429Kb / 10P
   5.8W typ AF Power Amplifier for Car Stereos, Car Radios
LA4905 SANYO-LA4905 Datasheet
549Kb / 10P
   17-W, 2-Channel BTL AF High-Efficiency Power Amplifier for Car Stereo Systems
LA4906 SANYO-LA4906 Datasheet
362Kb / 10P
   17-W, 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com