Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


LA4705 Datasheet(Fiches technique) 3 Page - Sanyo Semicon Device

Numéro de pièce LA4705
Description  15 W 2-channel BTL AF Power Amplifier for Car Stereos
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  http://www.ssdc-jp.com/eng/
Logo 

   
 3 page
background image
Features and Usage Notes
.
Pin 5 is the standby switch pin. The amplifier is turned on by applying approximately 2 V or more to this pin through an
external resistor (R1). The current flowing into pin 5 is 500 µA or less.
.
Pin 6 is the mute pin. The amplifier on time can be set as desired through C3. By grounding pin 6, the amplifier can implement
mute operation. In this case, the recovery time depends on C3.
.
In order to prevent damage or degradation which may be caused by abnormally heated IC, the LA4705 has a thermal shutdown
protector. Accordingly, in the case of inadequate heat dissipation, the thermal shutdown protector will operate to control the
output gradually into attenuation.
.
Also be fully careful of handling other protectors built in the LA4705.
Sample Application Circuit
Unit (resistance:
Ω, capacitance: F)
LA4705
No.3848 -3/8




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
LA470820 W 2-channel BTL AF Power Amplifier for Car Stereos 1 2 3 4 5 MoreSanyo Semicon Device
LA47252-Channel BTL Power Amplifier 30 W+30 W with Standby Switch for Car Stereos 1 2 3 Sanyo Semicon Device
LA47282-Channel BTL Power Amplifier 35 W+35 W with Standby Switch for Car Stereos 1 2 3 Sanyo Semicon Device
LA4700N2-Channel 12W AF Power Amplifier for Car Stereos 1 2 3 4 5 Sanyo Semicon Device
LA490517-W 2-Channel BTL AF High-Efficiency Power Amplifier for Car Stereo Systems 1 2 3 4 5 MoreSanyo Semicon Device
LA474142W 4-Channel BTL Power Amplifier for Car Stereos 1 2 3 Sanyo Semicon Device
LA490617-W 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems 1 2 3 4 5 MoreSanyo Semicon Device
NTE1802Integrated Circuit Power Amplifier for Car Stereo Radio 12W/Ch or 24W BTL 1 2 3 4 NTE Electronics
LA4636For General Audio Use 11 W 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device
LA44225.8W typ AF Power Amplifier for Car Stereos Car Radios 1 2 3 4 5 MoreSanyo Semicon Device

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl